Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2153 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # H8S2153
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
Download  750 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2153 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button H8S2153 Datasheet HTML 43Page - Renesas Technology Corp H8S2153 Datasheet HTML 44Page - Renesas Technology Corp H8S2153 Datasheet HTML 45Page - Renesas Technology Corp H8S2153 Datasheet HTML 46Page - Renesas Technology Corp H8S2153 Datasheet HTML 47Page - Renesas Technology Corp H8S2153 Datasheet HTML 48Page - Renesas Technology Corp H8S2153 Datasheet HTML 49Page - Renesas Technology Corp H8S2153 Datasheet HTML 50Page - Renesas Technology Corp H8S2153 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 750 page
background image
Section 1 Overview
Rev. 2.00 Sep.11, 2008 Page 11 of 710
REJ09B0384-0200
Pin No.
Type
Symbol
BP-112
I/O
Name and Function
AN7 to
AN0
H8, K11,
K10, L11,
L10, K9,
L9, K8
Input
Analog input pins
AVCC
J10
Input
Analog power supply pins for the A/D converter
and D/A converter. When the A/D converter and
D/A converter are not used, these pins should be
connected to the system power supply (+3.3 V).
AVref
J11
Input
Reference voltage input pin for the A/D converter
and D/A converter. When the A/D converter and
D/A converter are not used, this pin should be
connected to the system power supply (+3.3 V).
AVSS
H7
Input
Ground pins for the A/D converter and D/A
converter. These pins should be connected to the
system power supply (0 V).
A/D
converter
ADTRG
K3
Input
External trigger input pin to start A/D conversion
LAD3 to
LAD0
L7, K7, J7,
L8
Input/
Output
Transfer cycle type/address/data I/O pins
LFRAME
H6
Input
Input pin indicating transfer cycle start and forced
termination
LRESET
K6
Input
LPC reset pin. When this pin is low, a reset state
is entered.
LCLK
L6
Input
PCI clock input pin
LPC
interface
(LPC)
SERIRQ
J6
Input/
Output
LPC serialized host interrupt request signal
Event
counter
EVENT7 to
EVENT0
H1, G4,
H2, J2, K1,
L1, K2, L2
Input
Event counter input pins.
Retain state
output pins
RS7 to
RS0
D4, B1, B2,
D5, A5, D6,
B6, A6
Output
The outputs on these pins are only initialized by a
system reset.
DB7 to
DB4
D4, B1, B2,
D5
Debounced
input pins
ExDB7 to
ExDB0
C6, A7, C7,
D7, A8, B8,
C8, A9
Input
Pins with a noise eliminating function.


Similar Part No. - H8S2153

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - H8S2153

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2125 RENESAS-H8S2125 Datasheet
4Mb / 700P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2112R RENESAS-H8S2112R Datasheet
5Mb / 984P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117R RENESAS-H8S2117R Datasheet
5Mb / 1024P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2357 RENESAS-H8S-2357 Datasheet
4Mb / 1047P
   16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2112 RENESAS-H8S2112 Datasheet
5Mb / 894P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com