Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H83664 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # H83664
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
Download  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83664 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button H83664 Datasheet HTML 92Page - Renesas Technology Corp H83664 Datasheet HTML 93Page - Renesas Technology Corp H83664 Datasheet HTML 94Page - Renesas Technology Corp H83664 Datasheet HTML 95Page - Renesas Technology Corp H83664 Datasheet HTML 96Page - Renesas Technology Corp H83664 Datasheet HTML 97Page - Renesas Technology Corp H83664 Datasheet HTML 98Page - Renesas Technology Corp H83664 Datasheet HTML 99Page - Renesas Technology Corp H83664 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 444 page
background image
Section 4 Address Break
Rev. 6.00 Mar. 24, 2006 Page 68 of 412
REJ09B0142-0600
4.1
Register Descriptions
Address break has the following registers.
• Address break control register (ABRKCR)
• Address break status register (ABRKSR)
• Break address register (BARH, BARL)
• Break data register (BDRH, BDRL)
4.1.1
Address Break Control Register (ABRKCR)
ABRKCR sets address break conditions.
Bit
Bit Name
Initial
Value
R/W
Description
7
RTINTE
1
R/W
RTE Interrupt Enable
When this bit is 0, the interrupt immediately after
executing RTE is masked and then one instruction must
be executed. When this bit is 1, the interrupt is not
masked.
6
5
CSEL1
CSEL0
0
0
R/W
R/W
Condition Select 1 and 0
These bits set address break conditions.
00: Instruction execution cycle
01: CPU data read cycle
10: CPU data write cycle
11: CPU data read/write cycle
4
3
2
ACMP2
ACMP1
ACMP0
0
0
0
R/W
R/W
R/W
Address Compare Condition Select 2 to 0
These bits comparison condition between the address
set in BAR and the internal address bus.
000: Compares 16-bit addresses
001: Compares upper 12-bit addresses
010: Compares upper 8-bit addresses
011: Compares upper 4-bit addresses
1XX: Reserved (setting prohibited)


Similar Part No. - H83664

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836010 RENESAS-H836010 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836011 RENESAS-H836011 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012 RENESAS-H836012 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012F RENESAS-H836012F Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836013 RENESAS-H836013 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
More results

Similar Description - H83664

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836057 RENESAS-H836057 Datasheet
3Mb / 592P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H83687 RENESAS-H83687 Datasheet
3Mb / 536P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
HD64F3687HV RENESAS-HD64F3687HV Datasheet
2Mb / 538P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H83687H RENESAS-H83687H Datasheet
2Mb / 504P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836109 RENESAS-H836109 Datasheet
4Mb / 622P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H838099 RENESAS-H838099 Datasheet
4Mb / 736P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H83672 RENESAS-H83672 Datasheet
2Mb / 332P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836024 RENESAS-H836024 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836064 RENESAS-H836064 Datasheet
2Mb / 478P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com