Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH9NA80 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STH9NA80
Description  N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH9NA80 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STH9NA80 Datasheet HTML 2Page - STMicroelectronics STH9NA80 Datasheet HTML 3Page - STMicroelectronics STH9NA80 Datasheet HTML 4Page - STMicroelectronics STH9NA80 Datasheet HTML 5Page - STMicroelectronics STH9NA80 Datasheet HTML 6Page - STMicroelectronics STH9NA80 Datasheet HTML 7Page - STMicroelectronics STH9NA80 Datasheet HTML 8Page - STMicroelectronics STH9NA80 Datasheet HTML 9Page - STMicroelectronics STH9NA80 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
5.3
0.185
0.209
D
2.2
2.6
0.087
0.102
E
0.4
0.8
0.016
0.031
F
1
1.4
0.039
0.055
F3
2
2.4
0.079
0.094
F4
3
3.4
0.118
0.134
G
10.9
0.429
H
15.3
15.9
0.602
0.626
L
19.7
20.3
0.776
0.779
L3
14.2
14.8
0.559
0.413
0.582
L4
34.6
1.362
L5
5.5
0.217
M
2
3
0.079
0.118
Dia
3.55
3.65
0.140
0.144
P025P
TO-247 MECHANICAL DATA
STW9NA80-STH9NA80FI
8/10


Similar Part No. - STH9NA80

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
STH9NA80FI NJSEMI-STH9NA80FI Datasheet
153Kb / 3P
   N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STH9NA80FI NJSEMI-STH9NA80FI Datasheet
153Kb / 3P
   N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
More results

Similar Description - STH9NA80

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
STH9NA80FI NJSEMI-STH9NA80FI Datasheet
153Kb / 3P
   N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STW9NA80 NJSEMI-STW9NA80 Datasheet
153Kb / 3P
   N - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
logo
STMicroelectronics
STW6NA80 STMICROELECTRONICS-STW6NA80 Datasheet
138Kb / 10P
   N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
STW9NB80 STMICROELECTRONICS-STW9NB80 Datasheet
86Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
   N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
STW16NA40 STMICROELECTRONICS-STW16NA40 Datasheet
73Kb / 6P
   N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
   N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
   N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com