Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2733DQ-T1-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG2733DQ-T1-E3
Description  Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2733DQ-T1-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG2733DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG2733DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 73484
S-51920–Rev. A, 12-Sep-05
www.vishay.com
7
Vishay Siliconix
DG2731/2732/2733
TEST CIRCUITS
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
50
VOUT
GND
V+
50%
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
V
OUT
V
COM
R
L
R
L
R
ON
0.9 x VOUT
tr < 5 ns
tf < 5 ns
VINH
VINL
=
+
(
)
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90%
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
50
VINL
VINH
Figure 3. Charge Injection
Off
On
On
IN
∆VOUT
VOUT
Q =
∆VOUT x CL
CL = 1 nF
Rgen
VOUT
COM
VIN = 0 – V+
IN
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+
NC or NO
Vgen


Similar Part No. - DG2733DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2733E VISHAY-DG2733E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
DG2733EDN-T1-GE4 VISHAY-DG2733EDN-T1-GE4 Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
DG2733EDQ-T1-GE3 VISHAY-DG2733EDQ-T1-GE3 Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
More results

Similar Description - DG2733DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com