Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2169 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # H8S2169
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
Download  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2169 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button H8S2169 Datasheet HTML 25Page - Renesas Technology Corp H8S2169 Datasheet HTML 26Page - Renesas Technology Corp H8S2169 Datasheet HTML 27Page - Renesas Technology Corp H8S2169 Datasheet HTML 28Page - Renesas Technology Corp H8S2169 Datasheet HTML 29Page - Renesas Technology Corp H8S2169 Datasheet HTML 30Page - Renesas Technology Corp H8S2169 Datasheet HTML 31Page - Renesas Technology Corp H8S2169 Datasheet HTML 32Page - Renesas Technology Corp H8S2169 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 1 of 1044
REJ09B0280-0300
Section 1 Overview
1.1
Overview
The H8S/2149 and H8S/2169 F-ZTAT™ is a microcomputer (MCU) built around the H8S/2000
CPU, employing Renesas’ original architecture, and equipped with on-chip supporting functions
required for system configuration.
The H8S/2000 CPU has an internal 32-bit architecture, is provided with sixteen 16-bit general
registers and a concise, optimized instruction set designed for high-speed operation, and can
address a 16-Mbyte linear address space. The instruction set is upward-compatible with H8/300
and H8/300H CPU instructions at the object-code level, facilitating migration from the H8/300,
H8/300L, or H8/300H Series.
On-chip supporting functions required for system configuration include a data transfer controller
(DTC) bus master, ROM and RAM, a 16-bit free-running timer module (FRT), an 8-bit timer
module (TMR), watchdog timer module (WDT), two PWM timers (PWM and PWMX), serial
communication interface (SCI), PS/2-compatible keyboard buffer controller, I
2C bus interface
(IIC), host interfaces (HIF:LPC and HIF:XBS), D/A converter (DAC), A/D converter (ADC), and
I/O ports. The H8S/2169 F-ZTAT™ has all of the same I/O ports as the H8S/2149 F-ZTAT™,
plus 40 additional I/O ports.
The on-chip ROM is 64-kbyte flash memory (F-ZTAT™*). The ROM is connected to the CPU by
a 16-bit data bus, enabling both byte and word data to be accessed in one state. Instruction
fetching has been speeded up, and processing speed increased.
Three operating modes, modes 1 to 3, are provided, and there is a choice of address space and
single-chip mode or externally expanded modes.
The features of the H8S/2149 and H8S/2169 F-ZTAT™ are shown in table 1.1.
Note: *
F-ZTAT is a trademark of Renesas Technology Corp.


Similar Part No. - H8S2169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2169 RENESAS-H8S2169 Datasheet
4Mb / 1035P
   Hitachi 16-Bit Single-Chip Microcomputer
H8S2169F-ZTAT RENESAS-H8S2169F-ZTAT Datasheet
4Mb / 1035P
   Hitachi 16-Bit Single-Chip Microcomputer
More results

Similar Description - H8S2169

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2110B RENESAS-H8S2110B Datasheet
3Mb / 559P
   Renesas 16-Bit Single-Chip Microcomputer Renesas H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2148 RENESAS-H8S2148 Datasheet
6Mb / 1177P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2189R RENESAS-H8S2189R Datasheet
4Mb / 812P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2116 RENESAS-H8S2116 Datasheet
4Mb / 842P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117 RENESAS-H8S2117 Datasheet
5Mb / 968P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2214 RENESAS-H8S-2214 Datasheet
5Mb / 936P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com