Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2731 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2731
Description  Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2731 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2731 Datasheet HTML 1Page - Vishay Siliconix DG2731 Datasheet HTML 2Page - Vishay Siliconix DG2731 Datasheet HTML 3Page - Vishay Siliconix DG2731 Datasheet HTML 4Page - Vishay Siliconix DG2731 Datasheet HTML 5Page - Vishay Siliconix DG2731 Datasheet HTML 6Page - Vishay Siliconix DG2731 Datasheet HTML 7Page - Vishay Siliconix DG2731 Datasheet HTML 8Page - Vishay Siliconix DG2731 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 73484
S-51920–Rev. A, 12-Sep-05
Vishay Siliconix
DG2731/2732/2733
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Leakage Current vs. Temperature
Switching Time vs. Temperature
Switching Threshold vs. Supply Voltage
–40
–20
0
20
40
60
80
100
Temperature (
˚C)
ICOM(off)
10000
1000
10
1
100
ICOM(on)
V+ = 4.3 V
VD = 4 V
INO(off), INC(off)
0
50
100
150
200
250
–40
–20
0
20
40
60
80
100
Frequency (Hz)
tON V+ = 1.8 V
tON V+ = 2.7 V
tON V+ = 4.3 V
tOFF V+ = 1.8 V
tOFF V+ = 2.7 V
tOFF V+ = 4.3 V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1.5
2.5
3.5
4.5
V+ – Supply Voltage (V)
Leakage vs. Analog Voltage
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage
–14000
–13000
–12000
–11000
–10000
–9000
–8000
–7000
–6000
–5000
–4000
–3000
–2000
–1000
0
1000
2000
3000
4000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCOM, VNO, VNC – Analog Voltage (V)
V+ = 4.3 V
TA = 25 C
ICOM(on)
INO(off), IINC(off)
ICOM(off)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100 K
10 M
100 M
1 G
1 M
LOSS
OIRR
XTALK
V+ = 2.7 V
RL = 50 Ω
Temperature (
˚C)
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCOM – Analog Voltage (V)
V+ = 3 V
V+ = 4.3 V


Similar Part No. - DG2731

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 05-Sep-11
DG2730 VISHAY-DG2730 Datasheet
162Kb / 10P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
08-Feb-17
DG2730DN-T1-GE4 VISHAY-DG2730DN-T1-GE4 Datasheet
179Kb / 9P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
Rev. C, 05-Sep-11
DG2730DN-T1-GE4 VISHAY-DG2730DN-T1-GE4 Datasheet
162Kb / 10P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
08-Feb-17
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
   2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
08-Feb-17
More results

Similar Description - DG2731

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com