Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F61656CFTV Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F61656CFTV
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
Download  892 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F61656CFTV Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F61656CFTV Datasheet HTML 2Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 3Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 4Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 5Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 6Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 7Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 8Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 9Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 892 page
background image
Rev. 2.00 Jun. 28, 2007 Page vi of xxiv
2. Description of Numbers and Symbols
Aspects of the notations for register names, bit names, numbers, and symbolic names in this
manual are explained below.
CMCSR indicates compare match generation, enables or disables interrupts, and selects the counter
input clock. Generation of a
WDTOVF signal or interrupt initializes the TCNT value to 0.
14.3 Operation
The style "register name"_"instance number" is used in cases where there is more than one
instance of the same function or similar functions.
[Example] CMCSR_0: Indicates the CMCSR register for the compare-match timer of channel 0.
In descriptions involving the names of bits and bit fields within this manual, the modules and
registers to which the bits belong may be clarified by giving the names in the forms
"module name"."register name"."bit name" or "register name"."bit name".
(1) Overall notation
(2) Register notation
Rev. 0.50, 10/04, page 416 of 914
14.2.2 Compare Match Control/Status Register_0, _1 (CMCSR_0, CMCSR_1)
14.3.1 Interval Count Operation
(4)
(3)
(2)
Binary numbers are given as B'nnnn (B' may be omitted if the number is obviously binary),
hexadecimal numbers are given as H'nnnn or 0xnnnn, and decimal numbers are given as nnnn.
[Examples] Binary:
B'11 or 11
Hexadecimal: H'EFA0 or 0xEFA0
Decimal:
1234
(3) Number notation
An overbar on the name indicates that a signal or pin is active-low.
[Example]
WDTOVF
Note: The bit names and sentences in the above figure are examples and have nothing to do
with the contents of this manual.
(4) Notation for active-low
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and the compare match constant register (CMCOR) match, CMCNT is cleared to H'0000
and the CMF flag in CMCSR is set to 1. When the CKS1 and CKS0 bits are set to B'01 at this time,
a f/4 clock is selected.


Similar Part No. - R5F61656CFTV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F61653 RENESAS-R5F61653 Datasheet
5Mb / 1018P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653M RENESAS-R5F61653M Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653MD50FPV RENESAS-R5F61653MD50FPV Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653MN50FPV RENESAS-R5F61653MN50FPV Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653R RENESAS-R5F61653R Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results

Similar Description - R5F61656CFTV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8SX1648 RENESAS-H8SX1648 Datasheet
8Mb / 1472P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1651 RENESAS-H8SX1651 Datasheet
4Mb / 812P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61655N50FPV RENESAS-R5F61655N50FPV Datasheet
7Mb / 1376P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1668R RENESAS-H8SX1668R Datasheet
8Mb / 1504P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1658R RENESAS-H8SX1658R Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1650 RENESAS-H8SX1650 Datasheet
4Mb / 692P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1622 RENESAS-H8SX1622 Datasheet
6Mb / 1056P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1653 RENESAS-H8SX1653 Datasheet
5Mb / 1018P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1638 RENESAS-H8SX1638 Datasheet
6Mb / 1164P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1663 RENESAS-H8SX1663 Datasheet
7Mb / 1158P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com