Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2535DN-T1-E4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2535DN-T1-E4
Description  0.35-Ω Low-Voltage Dual SPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2535DN-T1-E4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2535DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2535DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2535DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2535DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2535DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2535DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2535DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 72939
S-71009-Rev. E, 14-May-07
Vishay Siliconix
DG2535/DG2536
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
rON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCOM - Analog Voltage (V)
T = 25 °C
IA = 100 mA
V+ = 1.8 V
V+ = 2.0 V
V+ = 2.7 V
V+ = 3.0 V
V+ = 3.3 V
10
10000
100000
Temperature (°C)
100
1000
V+ = 3.0 V
VIN = 0 V
- 60
- 40
- 20
0
20
40
60
80
100
1
10000
Temperature (°C)
V+ = 3.0 V
100
1000
ICOM(on)
INO(off), INC(off)
10
I OM(off)
C
rON vs. Analog Voltage and Temperature (NC1)
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
V+ = 3.0 V
IS = 100 mA
85 °C
25 °C
- 40 °C
10
10 K
100 K
10 M
100
1 K
1 M
100 mA
10 mA
1 mA
100 µA
10 µA
1 µA
100 nA
1 nA
Input Switching Frequency (Hz)
V+ = 3 V
10 nA
- 300
- 250
- 200
- 150
- 100
-50
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
V+ = 3.0 V
ICOM(on)
ICOM(off)
INO(off), INC(off)


Similar Part No. - DG2535DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2535DN-T1-E4 VISHAY-DG2535DN-T1-E4 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
More results

Similar Description - DG2535DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com