Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2706DN-T1-E4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2706DN-T1-E4
Description  High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2706DN-T1-E4 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2706DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 68392
S-80991-Rev. A, 05-May-08
www.vishay.com
5
Vishay Siliconix
DG2706
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Leakage Current vs. Temperature
1
10
100
1000
- 60 - 40 - 20
0
20
40
60
80
100 120 140
Temperature (°C)
ICOM(on)
INO/NC(off)
ICOM(off)
V+ = 3.15 V
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
Frequency (Hz)
100K
1M
10M
100M
1G
Loss
OIRR
XTALK
V+ = 3.15 V
RL = 50
Ω
Switching Threshold vs. Supply Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V+ - Supply Voltage (V)


Similar Part No. - DG2706DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2706DN-T1-E4 VISHAY-DG2706DN-T1-E4 Datasheet
164Kb / 9P
   High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
Rev. B, 07-Feb-11
DG2706DN-T1-E4 VISHAY-DG2706DN-T1-E4 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
More results

Similar Description - DG2706DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_V01 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
   High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
Rev. B, 07-Feb-11
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644_11 Datasheet
113Kb / 10P
   High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com