Electronic Components Datasheet Search |
|
DG2532DQ-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
DG2532DQ-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 8 page Vishay Siliconix DG2531/DG2532 Document Number: 72742 S-71009–Rev. C, 14-May-07 www.vishay.com 1 0.4- Ω Low-Voltage Dual SPDT Analog Switch FEATURES • Low Voltage Operation (1.8 V to 5.5 V) • Low On-Resistance - rON: 0.4 Ω at 2.7 V • - 69 dB OIRR at 2.7 V, 100 kHz • MSOP-10 Package • ESD Protection > 2000 V BENEFITS • Reduced Power Consumption • High Accuracy • Reduce Board Space • 1.6 V Logic Compatible • High Bandwidth APPLICATIONS • Cellular Phones • Speaker Headset Switching • Audio and Video Signal Routing • PCMCIA Cards • Battery Operated Systems • Relay Replacement DESCRIPTION The DG2531/DG2532 is a sub 1- Ω (0.4 Ω at 2.7 V) dual SPDT analog switches designed for low voltage applications. The DG2531/DG2532 has on-resistance matching (less than 0.05 Ω at 2.7 V) and flatness (less than 0.2 Ω at 2.7 V) that are guaranteed over the entire voltage range. Additionally, low logic thresholds makes the DG2531/DG2532 an ideal interface to low voltage DSP control signals. The DG2531/DG2532 has fast switching speed (on/off time at 40 and 35 ns) with break-before-make guaranteed. In the On condition, all switching elements conduct equally in both directions. Off-isolation and crosstalk is - 69 dB at 100 kHz. The DG2531/DG2532 is built on Vishay Siliconix’s high-density low voltage CMOS process. An eptiaxial layer is built in to prevent latchup. The DG2531/DG2532 contains the additional benefit of 2000 V ESD protection. Packaged in space saving MSOP-10, the DG2531/DG2532 is a high performance, low rON switches for battery powered applications. FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION NO2 COM2 IN2 1 2 3 10 9 Top View V+ NO1 COM1 8 DG2531 MSOP-10 NC2 GND 4 5 7 IN1 NC1 6 NC2 COM2 IN2 1 2 3 10 9 Top View V+ NC1 COM1 8 DG2532 MSOP-10 NO2 GND 4 5 7 IN1 NO1 6 TRUTH TABLE Logic NC1 and NC2 NO1 and NO2 0 ON OFF 1OFF ON ORDERING INFORMATION Temp Range Package Part Number - 40 to 85 °C MSOP-10 DG2531DQ-T1-E3 DG2532DQ-T1-E3 RoHS COMPLIANT |
Similar Part No. - DG2532DQ-T1-E3 |
|
Similar Description - DG2532DQ-T1-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |