Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2521 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2521
Description  Sub-Ω, Low Voltage, SPDT Analog Switches with Over Current Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2521 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2521 Datasheet HTML 1Page - Vishay Siliconix DG2521 Datasheet HTML 2Page - Vishay Siliconix DG2521 Datasheet HTML 3Page - Vishay Siliconix DG2521 Datasheet HTML 4Page - Vishay Siliconix DG2521 Datasheet HTML 5Page - Vishay Siliconix DG2521 Datasheet HTML 6Page - Vishay Siliconix DG2521 Datasheet HTML 7Page - Vishay Siliconix DG2521 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 73898
S-61478–Rev. A, 07-Aug-06
www.vishay.com
5
Vishay Siliconix
DG2520/DG2521
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Switching Time vs. Supply Voltage, DG2520
Switching Time vs. Supply Voltage, DG2521
Overcurrent Response
Supply Voltage (V)
0
40
3.5
3
2.5
2
1.5
4
20
100
80
60
5.5
5
4.5
t ON
t OFF
Supply Voltage (V)
0
20
3.5
3
2.5
2
1.5
4
10
50
40
30
5.5
5
4.5
t
OFF (NC)
t
ON (NO)
4 V
0
1.7 A
0
2 ms/div
Vcom
2 V/div
Icom
1 A/div
Switching Time vs. Temperature, DG2520
Off Isolation, Crosstalk and Insertion Loss vs. Frequency
Switching Threshold vs. Supply Voltage
0
10
30
40
Temperature (°C)
40
20
0
- 20
- 40
60
20
50
80
t
ON
t
OFF
V
= 3 V
no/nc
V+ = 5 V
Frequency (Hz)
- 90
- 70
100M
10M
1M
100K
1G
- 80
- 40
- 50
- 60
10G
0
- 10
- 20
- 30
LOSS
OIRR
XTalk
0.0
0.5
1.0
1.5
2.0
2.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V+ - Supply Voltage


Similar Part No. - DG2521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2522 VISHAY-DG2522 Datasheet
148Kb / 8P
   Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
Rev. A, 29-Sep-08
DG2522 VISHAY-DG2522 Datasheet
165Kb / 9P
   Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
Rev. B, 23-Feb-09
DG2522 VISHAY-DG2522 Datasheet
185Kb / 10P
   Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
01-Jan-2022
DG2522DN-T1-E4 VISHAY-DG2522DN-T1-E4 Datasheet
148Kb / 8P
   Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
Rev. A, 29-Sep-08
DG2522DN-T1-E4 VISHAY-DG2522DN-T1-E4 Datasheet
165Kb / 9P
   Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
Rev. B, 23-Feb-09
More results

Similar Description - DG2521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
   Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
Rev. B, 01-Jan-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
DG4157 VISHAY-DG4157 Datasheet
142Kb / 8P
   Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
Rev. C, 24-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com