Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2518 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2518
Description  3-Ω, High Bandwidth, Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2518 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2518 Datasheet HTML 1Page - Vishay Siliconix DG2518 Datasheet HTML 2Page - Vishay Siliconix DG2518 Datasheet HTML 3Page - Vishay Siliconix DG2518 Datasheet HTML 4Page - Vishay Siliconix DG2518 Datasheet HTML 5Page - Vishay Siliconix DG2518 Datasheet HTML 6Page - Vishay Siliconix DG2518 Datasheet HTML 7Page - Vishay Siliconix DG2518 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 74333
S-82589-Rev. B, 27-Oct-08
Vishay Siliconix
DG2517, DG2518
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
RON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0
1234
5
VCOM - Analog Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
V+ = 2.7 V
V+ = 4.2 V
V+ = 1.8 V
T = 25 °C
INO/NC = 10 mA
- 60
- 40
- 20
0
20
40
60
80
100
1
1000
10 000
Temperature (°C)
V+ = 5 V
VIN = 0 V
10
100
- 40
- 15
10
35
60
85
1
1000
Temperature (°C)
10
100
INO(off), INC(off)
ICOM(off)
ICOM(on)
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0
1
2
3
4
5
01
2
3
45
25 °C
VCOM - Analog Voltage (V)
25 °C
V+ = 2.7 V
- 40 °C
V+ = 4.2 V
- 40 °C
85 °C
85 °C
10
10K
100K
10M
10 mA
1 mA
10 µA
1 µA
10 nA
Input Switching Frequency (Hz)
1 nA
100 nA
100 µA
V+ = 5.5 V
100
1K
1M
- 80
- 60
- 40
- 20
0
20
40
60
80
0.0
1.0
2.0
3.0
4.0
5.0
VCOM, VNO, VNC - Analog Voltage (V)
V+ = 5.5 V
INC(off), INO(off)
ICOM(off)
ICOM(on)


Similar Part No. - DG2518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2518 VISHAY-DG2518 Datasheet
616Kb / 7P
   3ohm, High Bandwidth, Dual SPDT Analog Switch
Rev. A, 11-Sep-06
DG2518 VISHAY-DG2518 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2518DN-T1-E4 VISHAY-DG2518DN-T1-E4 Datasheet
616Kb / 7P
   3ohm, High Bandwidth, Dual SPDT Analog Switch
Rev. A, 11-Sep-06
DG2518DN-T1-E4 VISHAY-DG2518DN-T1-E4 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2518DQ-T1-E3 VISHAY-DG2518DQ-T1-E3 Datasheet
616Kb / 7P
   3ohm, High Bandwidth, Dual SPDT Analog Switch
Rev. A, 11-Sep-06
More results

Similar Description - DG2518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
   3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2517 VISHAY-DG2517 Datasheet
616Kb / 7P
   3ohm, High Bandwidth, Dual SPDT Analog Switch
Rev. A, 11-Sep-06
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Vishay Siliconix
DG2032E VISHAY-DG2032E Datasheet
169Kb / 9P
   2.5 , High Bandwidth, Dual SPDT Analog Switch
Rev. A, 27-Mar-17
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Vishay Siliconix
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com