Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG612DY-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG612DY-T1-E3
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG612DY-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG612DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG612DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 70057
S-71155–Rev. H, 11-Jun-07
www.vishay.com
3
Vishay Siliconix
DG611/612/613
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 7.6 mW/°C above 75 °C.
e. Derate 12 mW/°C above 75 °C.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
- 0.3 to 21
V
V+ to GND
- 0.3 to 21
V- to GND
- 19 to 0.3
VL to GND
- 1 to (V+) + 1
or 20 mA, whichever occurs first
VIN
a
(V-) - 1 to (V+) + 1
or 20 mA, whichever occurs first
VS, VD
a
(V-) - 0.3 to (V+) + 16
or 20 mA, whichever occurs first
Continuous Current (Any Terminal)
± 30
mA
Current, S or D (Pulsed at 1 µs, 10 % Duty Cycle)
± 100
Storage Temperature
CerDIP
- 65 to 150
°C
Plastic
- 65 to 125
Power Dissipation (Package)b
16-Pin Plastic DIPc
470
mW
16-Pin Narrow SOICd
600
16-Pin CerDIPe
900
20-Pin LCCe
900
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
V+
5 to 21
V
V-
- 10 to 0
VL
4 to V+
VIN
0 to VL
VANALOG
V- to (V+) - 5


Similar Part No. - DG612DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG612DY-T1-E3 VISHAY-DG612DY-T1-E3 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG612DY-T1-E3 VISHAY-DG612DY-T1-E3 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG612DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com