Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2039 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2039
Description  Low-Voltage, Low rON, Dual SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2039 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2039 Datasheet HTML 1Page - Vishay Siliconix DG2039 Datasheet HTML 2Page - Vishay Siliconix DG2039 Datasheet HTML 3Page - Vishay Siliconix DG2039 Datasheet HTML 4Page - Vishay Siliconix DG2039 Datasheet HTML 5Page - Vishay Siliconix DG2039 Datasheet HTML 6Page - Vishay Siliconix DG2039 Datasheet HTML 7Page - Vishay Siliconix DG2039 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number: 72359
S-71035-Rev. B, 21-May-07
Vishay Siliconix
DG2037/2038/2039
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Switching Time vs. Temperature and
Supply Voltage
Switching Threshold vs. Supply Voltage
0
5
10
15
20
25
30
- 60 - 40 - 20
0
20
40
60
80
100 120 140
Temperature (°C)
tON, V+ = 3.3 V
tON, V+ = 5.5 V
tOFF, V+ = 3.3 V
tOFF, V+ = 5.5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0123456
V+ - Supply Voltage (V)
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage
- 110
10
Frequency (Hz)
- 10
10 K
1 M
100 K
1 K
100
- 30
- 50
- 70
RL = 50 Ω
v+ = 5 v
v+ = 3 v
LOSS
OIRR
XTALK, V+ = 5.5 V
XTALK, V+ = 3.3 V
- 6
- 4
- 2
0
2
4
6
8
10
12
0123456
VCOM - Analog Voltage (v)
V+ = 3 V
V+ = 5.5 V
V+ = 1.8 V
Q at Source


Similar Part No. - DG2039

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2039 VISHAY-DG2039 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
More results

Similar Description - DG2039

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
DG2741 VISHAY-DG2741_11 Datasheet
133Kb / 10P
   Low-Voltage, 0.8ohm RON, Dual SPST Analog Switch
Rev. B, 28-Feb-11
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com