Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409LDQ Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG409LDQ
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDQ Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG409LDQ Datasheet HTML 3Page - Vishay Siliconix DG409LDQ Datasheet HTML 4Page - Vishay Siliconix DG409LDQ Datasheet HTML 5Page - Vishay Siliconix DG409LDQ Datasheet HTML 6Page - Vishay Siliconix DG409LDQ Datasheet HTML 7Page - Vishay Siliconix DG409LDQ Datasheet HTML 8Page - Vishay Siliconix DG409LDQ Datasheet HTML 9Page - Vishay Siliconix DG409LDQ Datasheet HTML 10Page - Vishay Siliconix DG409LDQ Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
7
Vishay Siliconix
DG408L/409L
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
rDS(on) vs. VD and Power Supply
Input Threshold vs. V+ Supply Voltage
rDS(on) vs. VD and Temperature
0
10
20
30
40
50
60
70
80
0
246
8
10
12
VD – Drain Voltage (V)
V+ = 2.7 V
V+ = 4.5 V
V+ = 12 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
V+ – Positive Supply Voltage (V)
Upper Threshold Limit
Low Threshold Limit
0
5
10
15
20
25
30
35
- 6
- 4
- 2
0
2
4
6
25 °C
VD – Drain Voltage (V)
- 55 °C
85 °C
125 °C
rDS(on) vs. VD and Power Supply
rDS(on) vs. VD and Temperature
Switching Time vs. Positive Supply Voltage
0
5
10
15
20
25
- 5
- 3
- 1
1
3
5
VD – Drain Voltage (V)
V+ = 5 V
V- = - 5 V
0
10
20
30
40
50
0
123
456
25 °C
VD – Drain Voltage (V)
- 55 °C
85 °C
125 °C
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
14
V+ – Positive Supply Voltage (V)
tON
tTRANS
tOFF


Similar Part No. - DG409LDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG409LDQ VISHAY-DG409LDQ Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG409LDQ-E3 VISHAY-DG409LDQ-E3 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG409LDQ-T1 VISHAY-DG409LDQ-T1 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG409LDQ-T1-E3 VISHAY-DG409LDQ-T1-E3 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
More results

Similar Description - DG409LDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com