Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2301DL-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2301DL-T1
Description  High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2301DL-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2301DL-T1 Datasheet HTML 1Page - Vishay Siliconix DG2301DL-T1 Datasheet HTML 2Page - Vishay Siliconix DG2301DL-T1 Datasheet HTML 3Page - Vishay Siliconix DG2301DL-T1 Datasheet HTML 4Page - Vishay Siliconix DG2301DL-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
4
Document Number: 72049
S-70852-Rev. B, 30-Apr-07
Vishay Siliconix
DG2301
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?72049.
rON vs. VB Single Supply Voltage
0
20
40
60
80
100
120
012345
VB - Analog Voltage (V)
V+ = 4.5 V, IS = - 15 mA
T = 25 °C
V+ = 4.5 V, IS = - 30 mA
V+ = 4.5 V, IS = - 64 mA
V+ = 4.0 V, IS = - 15 mA


Similar Part No. - DG2301DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2301 VISHAY-DG2301 Datasheet
29Kb / 4P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch)
Rev. A, 03-Mar-03
More results

Similar Description - DG2301DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2301 VISHAY-DG2301 Datasheet
29Kb / 4P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch)
Rev. A, 03-Mar-03
DG2302 VISHAY-DG2302_08 Datasheet
82Kb / 5P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch with Level-Shifter)
Rev. B, 30-Apr-07
DG2302 VISHAY-DG2302 Datasheet
30Kb / 4P
   High-Speed, Low rON, SPST Analog Switch
Rev. A, 03-Mar-03
DG2303 VISHAY-DG2303_08 Datasheet
93Kb / 6P
   High-Speed, Low rON, 1.8-V/2.5-V/3.3-V/5-V, SPST Analog Switch (1-Bit Bus Switch)
Rev. B, 30-Apr-07
DG2303 VISHAY-DG2303 Datasheet
47Kb / 5P
   High-Speed, Low rON, 1.8-V/2.5-V/3.3-V/5-V, SPST Analog Switch (1-Bit Bus Switch)
Rev. A, 03-Mar-03
logo
Alpha & Omega Semicondu...
AOZ6115 AOSMD-AOZ6115 Datasheet
541Kb / 11P
   High Performance, Low RON, SPST Analog Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com