Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2011DXA-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2011DXA-T1-E3
Description  Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2011DXA-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2011DXA-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG2011DXA-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG2011DXA-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG2011DXA-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG2011DXA-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG2011DXA-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG2011DXA-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG2011DXA-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 70102
S-60004–Rev. F, 16-Jan-06
www.vishay.com
5
Vishay Siliconix
DG2011
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Switching Time vs. Temperature and Supply Voltage
Switching Threshold vs. Supply Voltage
0
10
20
30
40
50
60
70
80
90
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
tON V+ = 2 V
tON V+ = 3 V
tOFF V+ = 2 V
tOFF V+ = 3 V
tOFF V+ = 5 V
tON V+ = 5 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
34
567
V+ – Supply Voltage (V)
Insertion Loss, Off-Isolation, Crosstalk vs.
Frequency
Charge Injection vs. Analog Voltage
V+ = 5.0 V
RL = 50 Ω
OIRR
XTALK
100 K
1 M
Frequency (Hz)
LOSS
10 M
100 M
1 G
10
0
0
10
20
50
40
30
60
70
80
90
VCOM – Analog Voltage (V)
30
20
10
0
10
20
30
0
123
456
V+ = 2 V
V+ = 3 V
V+ = 5 V


Similar Part No. - DG2011DXA-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2011DX-T1 VISHAY-DG2011DX-T1 Datasheet
81Kb / 7P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. E, 21-Mar-05
DG2011DX-T1-E3 VISHAY-DG2011DX-T1-E3 Datasheet
81Kb / 7P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. E, 21-Mar-05
More results

Similar Description - DG2011DXA-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2011 VISHAY-DG2011 Datasheet
81Kb / 7P
   Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
Rev. E, 21-Mar-05
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Vishay Siliconix
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
   Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
Rev. B, 26-Feb-07
DG2511 VISHAY-DG2511_V01 Datasheet
178Kb / 10P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
01-Jan-2022
DG4599 VISHAY-DG4599_08 Datasheet
114Kb / 9P
   Low-Voltage Single-Supply, SPDT Analog Switch in SC-70
Rev. C, 30-Apr-07
DG4599 VISHAY-DG4599 Datasheet
63Kb / 8P
   Low-Voltage Single-Supply, SPDT Analog Switch in SC-70
Rev. B, 26-May-03
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257 Datasheet
539Kb / 7P
   Low RON Low Voltage Dual SPDT Bi-Directional Analog Switch
FSA2257 FAIRCHILD-FSA2257_07 Datasheet
665Kb / 13P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com