Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2012DL-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2012DL-T1
Description  Low-Voltage Single SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2012DL-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2012DL-T1 Datasheet HTML 1Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 2Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 3Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 4Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 5Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 6Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 7Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 8Page - Vishay Siliconix DG2012DL-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72176
S-70852-Rev. B, 30-Apr-07
Vishay Siliconix
DG2012
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 3.1 mW/°C above 70 °C.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Referenced V+ to GND
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (NO, NC and COM Pins)
± 100
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 300
Storage Temperature (D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
6-Pin SO70c
250
mW
SPECIFICATIONS (V+ = 2.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2.0 V, ± 10 %, VIN = 0.4 or 1.6 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 1.8 V, VCOM = 0.2 V/0.9 V
INO, INC = 10 mA
Room
Fulld
2.7
2.7
5.3
5.3
Ω
rON Flatness
d
rON
Flatness
V+ = 1.8 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
3
rON Match
d
Δr
ON
Room
0.25
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 2.2 V
VNO, VNC = 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V
Room
Full
- 0.5
- 5.0
0.5
5.0
nA
ICOM(off)
Room
Fulld
- 0.5
- 5.0
0.5
5.0
Channel-On Leakage Currentf
ICOM(on)
V+ = 2.2 V, VNO, VNC = VCOM = 0.5 V/1.5 V
Room
Fulld
- 0.5
- 5.0
0.5
5.0
Digital Control
Input High Voltage
VINH
Full
1.6
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
Full
3
pF
Input Currentf
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 1.5 V, RL = 300 Ω, CL = 35 pF
Figures 1 and 2
Room
Fulld
43
63
65
ns
Turn-Off Timed
tOFF
Room
Fulld
23
45
46
Break-Before-Make Timed
td
Room
2
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω, Figure 3
Room
7
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 63
dB
Crosstalkd
XTALK
Room
- 64
NO, NC Off Capacitance
d
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
22
pF
Channel-On Capacitanced
CON
Room
58


Similar Part No. - DG2012DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2012DL VISHAY-DG2012DL Datasheet
73Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 07-Apr-03
More results

Similar Description - DG2012DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 07-Apr-03
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9431 VISHAY-DG9431 Datasheet
72Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com