Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG309DY-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG309DY-T1
Description  Quad Monolithic SPST CMOS Analog Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309DY-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG309DY-T1 Datasheet HTML 1Page - Vishay Siliconix DG309DY-T1 Datasheet HTML 2Page - Vishay Siliconix DG309DY-T1 Datasheet HTML 3Page - Vishay Siliconix DG309DY-T1 Datasheet HTML 4Page - Vishay Siliconix DG309DY-T1 Datasheet HTML 5Page - Vishay Siliconix DG309DY-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 70046
S-71155–Rev. F, 11-Jun-07
Vishay Siliconix
DG308A/DG309
Notes:
a.Refer to PROCESS OPTION FLOWCHART.
b.Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VIN = 3.5 V or 11 V
f
Tempb
Typc
A Suffix
- 55 to 125°C
C, D Suffix
Unit
Mind
Maxd
Mind
Maxd
Power Supplies
Positive Supply Current
I+
All Channels On or Off
VIN = 0 V or 15 V
Room
Full
0.001
10
100
10
100
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 10
- 100
- 100
rDS(on) vs. VD and Power Supply
Leakage Currents vs. Analog Voltage
150
- 10
0
10
20
120
90
60
30
0
TA = 25 °C
15
5
- 5
- 15
± 5 V
± 7.5 V
± 10 V
± 15 V
± 20 V
VD – Drain Voltage (V)
- 20
- 12
- 6
0
6
12
15
9
3
- 3
- 9
- 15
10
0
- 10
- 20
- 30
TA = 25 °C
VD or VS – Drain or Source Voltage (V)
IS(off)
ID(off)
ID(on)
20
Supply Currents vs. Switching Frequency (All Inputs Active)
rDS(on)vs. VD and Power Supply Voltage
1000
800
600
400
200
I+
1 k
10 k
100 k
1 M
± 15 V Supplies
TA = 25 °C
I-
100
f – Frequency (Hz)
250
0
5
10
15
20
200
150
100
50
0
TA = 25 °C
V- = 0 V
+ 10 V
+ 15 V
+ 20 V
V+ = + 7.5 V
VD – Drain Voltage (V)


Similar Part No. - DG309DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309DY-T1 VISHAY-DG309DY-T1 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
DG309DY-T1-E3 VISHAY-DG309DY-T1-E3 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG309DY-T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com