Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408LDY-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG408LDY-T1
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LDY-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG408LDY-T1 Datasheet HTML 1Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 2Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG408LDY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
3
Vishay Siliconix
DG408L/409L
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
Δr
DS(on) = rDS(on) Max - rDS(on) Min.
h. Worst case isolation occurs on Channel 4 do to proximity to the drain pin.
i. rDS(on) flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
SPECIFICATIONS (SINGLE SUPPLY 12 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, ± 10 %
, V- = 0 V
VEN = 0.8 V or 2.4 V
f
Tempb
Typd
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Minc
Maxc
Minc
Maxc
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source On-Resistance
rDS(on)
VD = 10.8 V, VD = 2 V or 9 V, IS = 10 mA
Sequence Each Switch On
Room
Full
17
29
38
29
35
Ω
rDS(on) Matching
Between Channelsg
Δr
DS
VD = 10.8 V, VD = 2 V or 9 V
IS = 10 mA
Room
1
3
3
On-Resistance Flatnessi
rFLAT(on)
Room
3
7
7
Switch Off Leakage Current
IS(off)
VEN = 0 V, VD = 11 V or 1 V
VS = 1 V or 11 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage Current
ID(on)
VS = VD = 1 V or 11 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Logic High Input Voltage
VINH
Full
2.4
2.4
V
Logic Low Input Voltage
VINL
Full
0.8
0.8
Input Current
IIN
VAX = VEN = 2.4 V or 0.8 V
Full
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 8 V, VS8 = 0 V, (DG408L)
VS1b = 8 V, VS4b = 0 V, (DG409L)
See Figure 2
Room
Full
30
60
68
60
65
ns
Break-Before-Make Time
tOPEN
VS(all) = VDA = 5 V
See Figure 4
Room
Full
11
1
1
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 5 V (DG408L)
VAX = 0 V, VS1b = 5 V (DG409L)
See Figure 3
Room
Full
38
55
60
55
60
Enable Turn-Off Time
tOFF(EN)
Room
Full
18
25
35
25
30
Charge Injectione
Q
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
1
5
5
pC
Off Isolatione, h
OIRR
f = 100 kHz, RL = 1 kΩ
Room
- 70
dB
Crosstalke
XTALK
Room
- 82
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
7
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 2.4 V, VEN = 0 V
Room
20
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
(DG409L only)
Room
31
Power Supplies
Power Supply Range
V+
3
12
3
12
V
Power Supply Current
I+
VEN = VA = 0 V or 5 V
Room
0.2
0.7
0.7
mA


Similar Part No. - DG408LDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408L VISHAY-DG408L Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408LE VISHAY-DG408LE Datasheet
395Kb / 18P
   17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
Rev.A, 07-Mar-16
DG408LE VISHAY-DG408LE Datasheet
395Kb / 18P
   17 ?? 12 V / 짹 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
08-Feb-17
More results

Similar Description - DG408LDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com