Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG604 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG604
Description  1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG604 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG604 Datasheet HTML 2Page - Vishay Siliconix DG604 Datasheet HTML 3Page - Vishay Siliconix DG604 Datasheet HTML 4Page - Vishay Siliconix DG604 Datasheet HTML 5Page - Vishay Siliconix DG604 Datasheet HTML 6Page - Vishay Siliconix DG604 Datasheet HTML 7Page - Vishay Siliconix DG604 Datasheet HTML 8Page - Vishay Siliconix DG604 Datasheet HTML 9Page - Vishay Siliconix DG604 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Vishay Siliconix
DG604
Document Number: 69934
S-72668-Rev. A, 24-Dec-07
www.vishay.com
9
New Product
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?69934.
Figure 4. Charge Injection
A0
A1
ENABLE
GND
V+
V-
V-
V+
VO
CL
1 nF
D
Sx
0 V
VCC
VO
VENABLE
Rg
Channel
Select
Vg
ON
OFF
CHARGE INJECTION =
ΔVO x CL
tr < 5 ns
tf < 5 ns
ΔV
O
Figure 5. Insertion Loss
Figure 7. Crosstalk
A0
A1
ENABLE
GND
V+
V-
V-
V+
VOUT
D
S1
Vg
Rg = 50 Ω
50
Ω
VIN
Network Analyzer
Insertion Loss = 20 log
VOUT
VIN
V+
A0
A1
ENABLE
GND
V
V-
V-
V
VOUT
D
S4
Vg
Rg = 50 Ω
50
Ω
Network Analyzer
Crosstalk = 20 log
VOUT
VIN
50
Ω
S1
V+
VIN
Figure 6. Off-Isolation
Figure 8. Source/Drain Capacitance
A0
A1
ENABLE
GND
V+
V-
V-
V+
VOUT
D
S4
Vg
Rg = 50 Ω
50
Ω
VIN
Network Analyzer
Off Isolation = 20 log
VOUT
VIN
A0
A1
ENABLE
GND
V+
V-
V+
D
S1
|
to
|
S4
Impedance
Analyzer
Channel
Select
V-
V+


Similar Part No. - DG604

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
215Kb / 12P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. C, 18-Jul-11
DG604 VISHAY-DG604 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
logo
TOKO, Inc
DG6045C TOKO-DG6045C Datasheet
88Kb / 1P
   Low Profile (H 4.5mm Max).
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
   Ferrite Inductors
logo
Vishay Siliconix
DG604E VISHAY-DG604E Datasheet
273Kb / 17P
   The DG604E operating temperature range is specified from
Rev. A, 17-Jul-17
More results

Similar Description - DG604

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG604 VISHAY-DG604_11 Datasheet
215Kb / 12P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. C, 18-Jul-11
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
logo
Analog Devices
ADG604 AD-ADG604 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com