Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408DJ-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG408DJ-E3
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408DJ-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG408DJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG408DJ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 70062
S-71155–Rev. G, 11-Jun-07
Vishay Siliconix
DG408/409
TRUTH TABLES AND ORDERING INFORMATION
Logic "0" = VAL ≤ 0.8 V
Logic "1" = VAH ≥ 2.4 V
X = Don’t Care
Notes:
a. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 7.6 mW/°C above 75 °C.
e. Derate 12 mW/°C above 75 °C.
f. Derate 10 mW/°C above 75 °C.
TRUTH TABLE - DG408
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
TRUTH TABLE - DG409
A1
A0
EN
On Switch
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
ORDERING INFORMATION - DG408
Temp Range
Package
Part Number
- 40 to 85 °C
16-Pin Plastic DIP
DG408DJ
DG408DJ-E3
16-Pin SOIC
DG408DY
DG408DY-E3
DG408DY-T1
DG408DY-T1-E3
16-Pin TSSOP
DG408DQ
DG408DQ-E3
DG408DQ-T1
DG408DQ-T1-E3
ORDERING INFORMATION - DG409
Temp Range
Package
Part Number
- 40 to 85 °C
16-Pin Plastic DIP
DG409DJ
DG409DJ-E3
16-Pin SOIC
DG409DY
DG409DY-E3
DG409DY-T1
DG409DY-T1-E3
16-Pin TSSOP
DG409DQ
DG409DQ-E3
DG409DQ-T1
DG409DQ-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced to V-
V+
44
V
GND
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 20 mA, whichever occurs first
Current (Any Terminal)
30
mA
Peak Current, S or D (Pulsed at 1 ms, 10 % duty cycle max)
100
Storage Temperature
(AK Suffix)
- 65 to 150
°C
(DJ, DY Suffix)
- 65 to 125
Power Dissipation (Package)b
16-Pin Plastic DIPc
450
mW
16-Pin Narrow SOIC and TSSOPd
600
16-Pin CerDIPe
900
LCC-20f
750


Similar Part No. - DG408DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408DJ-E3 VISHAY-DG408DJ-E3 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
More results

Similar Description - DG408DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com