Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG405BDJ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG405BDJ
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG405BDJ Datasheet(HTML) 5 Page - Vishay Siliconix

  DG405BDJ Datasheet HTML 1Page - Vishay Siliconix DG405BDJ Datasheet HTML 2Page - Vishay Siliconix DG405BDJ Datasheet HTML 3Page - Vishay Siliconix DG405BDJ Datasheet HTML 4Page - Vishay Siliconix DG405BDJ Datasheet HTML 5Page - Vishay Siliconix DG405BDJ Datasheet HTML 6Page - Vishay Siliconix DG405BDJ Datasheet HTML 7Page - Vishay Siliconix DG405BDJ Datasheet HTML 8Page - Vishay Siliconix DG405BDJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG401B/403B/405B
Vishay Siliconix
New Product
Document Number: 73069
S-42444—Rev. A, 10-Jan-05
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
25
50
75
100
125
150
−55
−25
5
35
65
95
125
Temperature (_C)
Leakage Current vs. Temperature
1
10
100
1000
10000
IS(off)
ID(on)
ID(off)
Switching Time vs. Supply Voltage
Supply Voltage (V)
20
30
40
50
60
70
80
−55
−25
5
35
65
95
125
Switching Time vs. Temperature
0
25
50
75
100
125
150
175
200
225
250
0
5
10
15
20
25
Switching Time vs. Single Supply Voltage
Supply Voltage (V)
t(on), VS = +5 V
t(off), VS = +5 V
Temperature (_C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
5
1015202530
Input Switching Threshold vs. Supply Voltage
Supply Voltage (V)
0.01
130
0.1
30
−10
70
1000
Frequency (MHz)
90
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
1
110
10
100
10
Cross Talk
t(on), VS = +10 V
t(on), VS = −10 V
t(off), VS = +10 V
t(off), VS = −10 V
t(on), VS = +5 V
t(on), VS = −5 V
t(off), VS = −5 V
t(off), VS = +5 V
50
0
"5
"10
"15
"20
"25
V+ = 15 V
V− = −15 V
Insertion Loss
Off Isolation


Similar Part No. - DG405BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG405BDJ VISHAY-DG405BDJ Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG405BDJ-E3 VISHAY-DG405BDJ-E3 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
More results

Similar Description - DG405BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com