Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG407
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG407 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG407 Datasheet HTML 2Page - Vishay Siliconix DG407 Datasheet HTML 3Page - Vishay Siliconix DG407 Datasheet HTML 4Page - Vishay Siliconix DG407 Datasheet HTML 5Page - Vishay Siliconix DG407 Datasheet HTML 6Page - Vishay Siliconix DG407 Datasheet HTML 7Page - Vishay Siliconix DG407 Datasheet HTML 8Page - Vishay Siliconix DG407 Datasheet HTML 9Page - Vishay Siliconix DG407 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number: 70061
S-71009–Rev. I, 14-May-07
Vishay Siliconix
DG406/407
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
rDS(on) vs. VD and Supply
rDS(on) vs. VD and Supply
ID , IS Leakages vs. Temperature
VD – Drain Voltage (V)
160
120
80
40
0
- 20
20
- 4
- 12
4
12
±
5 V
± 10 V
± 12 V
± 15 V
± 20 V
± 8 V
VD – Drain Voltage (V)
160
120
80
40
0
020
4
8
12
16
V+ = 7.5 V
200
240
V- = 0 V
10 V
12 V
15 V
20 V
22 V
Temperature (°C)
V+ = 15 V
V- = - 15 V
VD = "14 V
ID(on), ID(off)
IS(off)
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
- 55
- 35
- 15
5
25
45
65
85
105
125
rDS(on) vs. VD and Temperature
ID , IS Leakage Currents vs. Analog Voltage
Switching Times vs. Bipolar Supplies
VD – Drain Voltage (V)
0
40
30
20
10
80
70
60
50
15
10
5
- 15
- 10
- 5
0
- 55 °C
- 40 °C
0°C
25 °C
85 °C
125 °C
V+ = 15 V
V- = - 15 V
VS , VD – Source Drain Voltage (V)
120
- 120
- 15
- 10
- 5
0
5
10
15
- 80
- 40
0
40
80
V+ = 15 V
V- = - 15 V
VS = - VD for ID(off)
VD = VS(open) for ID(on)
DG406 ID(on), ID(off)
IS(off)
DG407 ID(on), ID(off)
VSUPPLY – Supply Voltage (V)
350
300
150
100
50
0
± 5
± 10
± 15
± 20
200
250
tTRANS
tON(EN)
tOFF(EN)


Similar Part No. - DG407

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407 INTERSIL-DG407 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG407 INTERSIL-DG407 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG407 MAXIM-DG407 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG407 VISHAY-DG407 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
logo
Intersil Corporation
DG407 INTERSIL-DG407 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - DG407

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406DN-E3 VISHAY-DG406DN-E3 Datasheet
199Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com