Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG308BDJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG308BDJ
Description  Improved Quad CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG308BDJ Datasheet(HTML) 1 Page - Vishay Siliconix

  DG308BDJ Datasheet HTML 1Page - Vishay Siliconix DG308BDJ Datasheet HTML 2Page - Vishay Siliconix DG308BDJ Datasheet HTML 3Page - Vishay Siliconix DG308BDJ Datasheet HTML 4Page - Vishay Siliconix DG308BDJ Datasheet HTML 5Page - Vishay Siliconix DG308BDJ Datasheet HTML 6Page - Vishay Siliconix DG308BDJ Datasheet HTML 7Page - Vishay Siliconix DG308BDJ Datasheet HTML 8Page - Vishay Siliconix DG308BDJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG308B/309B
Document Number: 70047
S-71241–Rev. F, 25-Jun-07
www.vishay.com
1
Improved Quad CMOS Analog Switches
FEATURES
± 22 V Supply Voltage Rating
CMOS Compatible Logic
Low On-Resistance - rDS(on): 45 Ω
Low Leakage - ID(on): 20 pA
Single Supply Operation Possible
Extended Temperature Range
Fast Switching - tON: < 200 ns
Low Glitching - Q: 1 pC
BENEFITS
Wide Analog Signal Range
Simple Logic Interface
Higher Accuracy
Minimum Transients
Reduced Power Consumption
Superior to DG308A/309
Space Savings (TSSOP)
APPLICATIONS
Industrial Instrumentation
Test Equipment
Communications Systems
Disk Drives
Computer Peripherals
Portable Instruments
Sample-and-Hold Circuits
DESCRIPTION
The DG308B/309B analog switches are highly improved
versions of the industry-standard DG308A/309. These
devices are fabricated in Vishay Siliconix’ proprietary silicon
gate CMOS process, resulting in lower on-resistance, lower
leakage, higher speed, and lower power consumption.
These quad single-pole single-throw switches are designed
for a wide variety of applications in telecommunications,
instrumentation, process control, computer peripherals, etc.
An
improved
charge
injection
compensation
design
minimizes switching transients. The DG308B and DG309B
can handle up to ± 22 V input signals. An epitaxial layer
prevents latchup.
All devices feature true bi-directional performance in the on
condition, and will block signals to the supply levels in the off
condition.
The DG308B is a normally open switch and the DG309B is
a normally closed switch. (See Truth Table.)
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
≤ 3.5 V
Logic "1"
≥ 11 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
DG308B
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
Dual-In-Line, SOIC and TSSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
TRUTH TABLE
Logic
DG308B
DG309B
0
OFF
ON
1ON
OFF
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG308BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308BDJ VISHAY-DG308BDJ Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG308BDJ VISHAY-DG308BDJ Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG308BDJ-E3 VISHAY-DG308BDJ-E3 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG308BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com