Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413HS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG413HS
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413HS Datasheet(HTML) 5 Page - Vishay Siliconix

  DG413HS Datasheet HTML 1Page - Vishay Siliconix DG413HS Datasheet HTML 2Page - Vishay Siliconix DG413HS Datasheet HTML 3Page - Vishay Siliconix DG413HS Datasheet HTML 4Page - Vishay Siliconix DG413HS Datasheet HTML 5Page - Vishay Siliconix DG413HS Datasheet HTML 6Page - Vishay Siliconix DG413HS Datasheet HTML 7Page - Vishay Siliconix DG413HS Datasheet HTML 8Page - Vishay Siliconix DG413HS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 72053
S-71155-Rev. B, 11-Jun-07
www.vishay.com
5
Vishay Siliconix
DG411HS/412HS/413HS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. VD and Dual Supply Voltage
Leakage Current vs. Analog Voltage
On-Resistance vs. VD and Temperature
VD - Drain Voltage (V)
5
15
25
35
45
55
65
- 20
- 15
- 10
- 5
0
5
10
15
20
TA = 25 °C
± 5 V
± 8 V
± 10 V
± 12 V
± 15 V
± 20 V
- 100
- 75
- 50
- 25
0
25
50
- 15
- 10
- 5
0
5
10
15
VD or VS - Drain or Source Voltage (V)
V+ = + 5 V
V - = - 15 V
VL = 5 V
ID(off)
IS(off)
ID(on)
5
15
25
35
45
55
65
75
0246
8
10
12
VD - Drain Voltage (V)
V+ = 12 V
V - = 0 V
VL = 5 V
125 °C
- 55 °C
25 °C
85 °C
On-Resistance vs. VD and Unipolar Supply Voltage
On-Resistance vs. VD and Temperature
Insertion Loss, Off-Isolation, Crosstalk
vs. Frequency
0
50
100
150
200
250
300
02
46
8
10
12
14
16
18
20
TA = 25 °C
VL = 5 V
VD - Drain Voltage (V)
V+ = 3.0 V
VL = 3 V
V+ = 5.0 V
V+ = 8.0 V
V+ = 12.0 V
V+ = 15.0 V
V+ = 20.0 V
5
10
15
20
25
30
35
40
45
- 15
- 10
- 5
0
5
10
15
V+ = 15 V
V - = - 15 V
VL = 5 V
125 °C
85 °C
25 °C
- 55 °C
VD - Drain Voltage (V)
110
V+ = 15 V
V - = - 15 V
VL = 5 V
RL = 50 Ω
OIRR
XTALK
100 K
1 M
Frequency (Hz)
LOSS
10 M
100 M
1 G
0
0
- 10
- 20
- 40
- 70
- 60
- 50
- 80
- 90
- 100
-
- 30


Similar Part No. - DG413HS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG413HS VISHAY-DG413HS Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
DG413HS VISHAY-DG413HS Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG413HSDJ VISHAY-DG413HSDJ Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
DG413HSDJ-E3 VISHAY-DG413HSDJ-E3 Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
DG413HSDN-T1-E4 VISHAY-DG413HSDN-T1-E4 Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
More results

Similar Description - DG413HS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com