Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG202B Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG202B
Description  Improved Quad CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG202B Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG202B Datasheet HTML 2Page - Vishay Siliconix DG202B Datasheet HTML 3Page - Vishay Siliconix DG202B Datasheet HTML 4Page - Vishay Siliconix DG202B Datasheet HTML 5Page - Vishay Siliconix DG202B Datasheet HTML 6Page - Vishay Siliconix DG202B Datasheet HTML 7Page - Vishay Siliconix DG202B Datasheet HTML 8Page - Vishay Siliconix DG202B Datasheet HTML 9Page - Vishay Siliconix DG202B Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number: 70037
S-71155–Rev. H, 11-Jun-07
Vishay Siliconix
DG201B/202B
APPLICATIONS
Figure 6. Sample-and-Hold
LM101A
+ 15 V
- 15 V
30 pF
+ 15 V
- 15 V
V+
V-
DG201B
50 pF
1000 pF
J202
J500
J507
+ 15 V
2N4400
- 15 V
VIN
VOUT
1 k
Ω
200
Ω
5 M
Ω
5.1 M
Ω
Aquisition Time
= 25 µs
Aperature Time
= 1 µs
Sample to Hold Offset
= 5 mV
Droop Rate
= 5 mV/s
Logic Input
Low = Sample
High = Hold
+
Figure 7. Active Low Pass Filter with Digitally Selected Break Frequency
TTL
Control
150 pF
1500 pF
+ 15 V
DG201B
GND
30 pF
LM101A
+ 15 V
- 15 V
1
10
100
1 k
10 k
100 k
1 M
- 40
0
160
120
80
fC4
Select
fC3
Select
fC2
Select
fC1
Select
R1 = 10 kΩ
R2 = 10 kΩ
R3 = 1 MΩ
VOUT
V1
V-
C4
C3
C2
C1
AL (Voltage Gain Below Break Frequency) =
= 100 (40 dB)
R3
R1
fC (Break Frequency) =
1
2
πR3CX
1
2
πR1CX
fL (Unity Gain Frequency) =
Max Attenuation =
rDS(on)
10 k
Ω
- 47 dB
0.015 µF
0.15 µF
- 15 V
+
40
f - Frequency (Hz)
fL1
fL2
fL3
fL4
fC1
fC2
fC3
fC4


Similar Part No. - DG202B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG202B VISHAY-DG202B Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG202B VISHAY-DG202B Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG202BAK VISHAY-DG202BAK Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG202BAK VISHAY-DG202BAK Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG202BAK/883 VISHAY-DG202BAK/883 Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
More results

Similar Description - DG202B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. E, 14-Jul-97
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com