Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG458 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG458
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG458 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG458 Datasheet HTML 1Page - Vishay Siliconix DG458 Datasheet HTML 2Page - Vishay Siliconix DG458 Datasheet HTML 3Page - Vishay Siliconix DG458 Datasheet HTML 4Page - Vishay Siliconix DG458 Datasheet HTML 5Page - Vishay Siliconix DG458 Datasheet HTML 6Page - Vishay Siliconix DG458 Datasheet HTML 7Page - Vishay Siliconix DG458 Datasheet HTML 8Page - Vishay Siliconix DG458 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG458/459
Document Number: 70064
S-71155–Rev. G, 11-Jun-07
www.vishay.com
1
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
FEATURES
Fault and Overvoltage Protection
All Channels Off When Power Off
Latchup-Proof
Fast Switching - TA: 200 ns
Break-Before-Make Switching
Low On-Resistance: 180
Ω
Low Power Consumption: 3 mW
TTL and CMOS Compatible Inputs
BENEFITS
Improved Ruggedness
Power Loss Protection
Prevents Adjacent Channel Crosstalk
Standard Logic Interface
Superior Accuracy
Fast Settling Time
APPLICATIONS
Data Acquisition Systems
Industrial Process Control Systems
Avionics Test Equipment
High-Rel Control Systems
Telemetry
DESCRIPTION
The DG458 and DG459 are 8-channel single-ended and
4-channel differential analog multiplexers, respectively,
incorporating fault protection. A series n-p-n MOSFET
structure provides device and signal-source protection in the
event of power loss or overvoltages. Under fault conditions
the multiplexer input (or output) appears as an open circuit
and only a few nanoamperes of leakage current will flow.
This protects not only the multiplexer and the circuitry
following it, but also protects the sensors or signal sources
which drive the multiplexer.
The
DG458
and
DG459
can
withstand
continuous
overvoltage inputs up to ± 35 V. All digital inputs have TTL
compatible logic thresholds. Break-before-make operation
prevents channel-to-channel interference.
The DG458 and DG459 are improved pin-compatible
replacements
for
HI-508A/509A
and
MAX358/359
multiplexers.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply
S3
A0
S6
D
S4
A1
S8
S7
EN
Dual-In-Line
A2
V-
GND
S1
V+
S2
S5
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG458
9
A0
Da
A1
Db
EN
GND
V-
V+
S1a
S1b
S2a
S2b
S3a
S3b
S4a
S4b
Dual-In-Line
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
8
DG459
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG458

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458 VISHAY-DG458 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458AK/883 VISHAY-DG458AK/883 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458AZ/883 VISHAY-DG458AZ/883 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results

Similar Description - DG458

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458 VISHAY-DG458_V01 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com