Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG458 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG458
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG458 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG458_08 Datasheet HTML 2Page - Vishay Siliconix DG458_08 Datasheet HTML 3Page - Vishay Siliconix DG458_08 Datasheet HTML 4Page - Vishay Siliconix DG458_08 Datasheet HTML 5Page - Vishay Siliconix DG458_08 Datasheet HTML 6Page - Vishay Siliconix DG458_08 Datasheet HTML 7Page - Vishay Siliconix DG458_08 Datasheet HTML 8Page - Vishay Siliconix DG458_08 Datasheet HTML 9Page - Vishay Siliconix DG458_08 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number: 70064
S-71155–Rev. G, 11-Jun-07
Vishay Siliconix
DG458/459
TEST CIRCUITS
Figure 4. Break-Before-Make Time
A2
Db, D
S2 - S 7
1 k
Ω
VO
A1
50
Ω
A0
EN
V+
GND
V-
35 pF
- 15 V
+ 15 V
+ 2.4 V
DG458
Logic
Input
tOPEN
0 V
3 V
50 %
0 V
VO
Switch
Output
S1 , S8
+ 5 V
Figure 5. Enable Delay
S1
S2 - S 8
A0
A1
A2
50
Ω
1 k
Ω
VO
EN
V+
GND
V-
D
35 pF
- 15 V
+ 15 V
DG458
0 V
3 V
0 V
90 %
50 %
Enable
Input
VO
Switch
Output
VS
tON(EN)
tOF
+ 5 V


Similar Part No. - DG458_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458AK/883 VISHAY-DG458AK/883 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458AZ/883 VISHAY-DG458AZ/883 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458DJ VISHAY-DG458DJ Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458DJ VISHAY-DG458DJ Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458DJ VISHAY-DG458DJ Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
More results

Similar Description - DG458_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458 VISHAY-DG458_V01 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com