Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG428DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG428DN
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428DN Datasheet(HTML) 3 Page - Vishay Siliconix

  DG428DN Datasheet HTML 1Page - Vishay Siliconix DG428DN Datasheet HTML 2Page - Vishay Siliconix DG428DN Datasheet HTML 3Page - Vishay Siliconix DG428DN Datasheet HTML 4Page - Vishay Siliconix DG428DN Datasheet HTML 5Page - Vishay Siliconix DG428DN Datasheet HTML 6Page - Vishay Siliconix DG428DN Datasheet HTML 7Page - Vishay Siliconix DG428DN Datasheet HTML 8Page - Vishay Siliconix DG428DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DG428/429
Vishay Siliconix
Document Number: 70063
S-52433—Rev. J, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
5-3
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2 V or
. . . . . . . . . . . . . . . . . . . . . . . .
30 mA, whichever occurs first
Current (Any Terminal)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AK Suffix)
–65 to 150
_C
. . . . . . . . . . . . . . . . . .
(DJ, DN Suffix)
–65 to 125
_C
. . . . . . . . . . . . . .
Power Dissipation (Package)b
18-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
18-Pin CerDIPd
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
20-Pin PLCCf
800 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
28-Pin Widebody SOICf
450 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads soldered or welded to PC board.
c.
Derate 6.3 mW/
_C above 75_C.
d.
Derate 12 mW/
_C above 75_C.
e.
Derate 10 mW/
_C above 75_C.
f.
Derate 6 mW/
_C above 75_C.
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, WR = 0,
RS = 2.4 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
–15
15
V
Drain-Source
On-Resistance
rDS(on)
VD = "10 V, VAL = 0.8 V
IS = –1 mA, VAH = 2.4 V
Room
Full
55
100
125
100
125
W
Greatest Change in rDS(on)
Between Channelsg
DrDS(on)
–10 V < VS < 10 V
IS = –1 mA
Room
5
%
Source Off
Leakage Current
IS(off)
VS = "10 V, VD = #10 V
VEN = 0 V
Room
Full
"0.03
–0.5
–50
0.5
50
–0.5
–50
0.5
50
A
Drain Off
Lk
C
t
ID(off)
VD = "10 V
VS = #10 V
DG428
Room
Full
"0.07
–1
–100
1
100
–1
–100
1
100
A
Leakage Current
ID(off)
VS = #10 V
VEN = 0 V
DG429
Room
Full
"0.05
–1
–50
1
50
–1
–50
1
50
nA
Drain On
Lk
C
t
ID(on)
VS = VD = "10 V
VEN = 2.4 V
V0 8 V
DG428
Room
Full
"0.07
–1
–100
1
100
–1
–100
1
100
Leakage Current
ID(on)
EN
VAL = 0.8 V
VAH = 2.4 V
DG429
Room
Full
"0.05
–1
–50
1
50
–1
–50
1
50
Digital Control
Logic Input Current
It V lt
Hi h
IAH
VA = 2.4 V
Full
0.01
1
1
A
gp
Input Voltage High
IAH
VA = 15 V
Full
0.01
1
1
mA
Logic Input Current
Input Voltage Low
IAL
VEN = 0 V, 2.4 V, VA = 0 V
RS = 0 V, WR = 0 V
Full
–0.01
–1
–1
mA
Logic Input Capacitance
Cin
f = 1 MHz
Room
8
pF
Dynamic Characteristics
Transition Time
tTRANS
See Figure 5
Room
Full
150
250
300
250
300
Break-Before-Make Interval
tOPEN
See Figure 4
Full
30
10
10
Enable and Write
Turn-On Time
tON(EN,WR)
See Figures 6 and 7
Room
Full
90
150
225
150
225
ns
Enable and Reset
Turn-Off Time
tOFF(EN,RS)
See Figures 6 and 8
Room
Full
55
150
300
150
300
Charge Injection
Q
VGEN = 0 V, RGEN = 0 W
CL = 1 nF, See Figure 9
Room
1
pC
Off Isolation
OIRR
VEN = 0 V, RL = 300 W, CL = 15 pF
VS = 7 VRMS, f = 100 kHz
Room
–75
dB
Source Off Capacitance
CS(off)
VS = 0 V, VEN = 0 V, f = 1 MHz
Room
11
F
Drain Off Capacitance
CD(off)
V0 V V
0 V
DG428
Room
40
F
Drain Off Capacitance
CD(off)
VD = 0 V, VEN = 0 V
f1 MH
DG429
Room
20
pF
Drain On Capacitance
CD(on)
D
,
EN
f = 1 MHz
DG428
Room
54
Drain On Capacitance
CD(on)
DG429
Room
34


Similar Part No. - DG428DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428DN VISHAY-DG428DN Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428DN VISHAY-DG428DN Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428DN-E3 VISHAY-DG428DN-E3 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428DN-E3 VISHAY-DG428DN-E3 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
More results

Similar Description - DG428DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com