Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG419L
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419L Datasheet(HTML) 2 Page - Vishay Siliconix

  DG419L Datasheet HTML 1Page - Vishay Siliconix DG419L Datasheet HTML 2Page - Vishay Siliconix DG419L Datasheet HTML 3Page - Vishay Siliconix DG419L Datasheet HTML 4Page - Vishay Siliconix DG419L Datasheet HTML 5Page - Vishay Siliconix DG419L Datasheet HTML 6Page - Vishay Siliconix DG419L Datasheet HTML 7Page - Vishay Siliconix DG419L Datasheet HTML 8Page - Vishay Siliconix DG419L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 71763
S-71009–Rev. E, 14-May-07
Vishay Siliconix
DG417L/418L/419L
Notes:
a. Signals on NC, NO, COM, or IN exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 6.5 mW/°C above 25 °C.
d. Derate 12 mW/°C above 75 °C.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
- 0.3 to 13
V
GND to V-
7
VL
(GND - 0.3) to (V+) + 0.3
IN, COM, NC, NO
a
- 0.3 to (V+ + 0.3)
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Peak Current, S or D (Pulsed 1 ms, 10 % Duty Cycle)
100
Storage Temperature
(AK, DQ, DY Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
8-Pin MSOPc
320
mW
8-Pin SOICc
400
8-Pin CerDIPd
600
SPECIFICATIONS (SINGLE SUPPLY 12 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix Limits
- 55 to 125 °C
D Suffix Limits
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
012012
V
On-Resistance
rON
V+ = 10.8 V, V- = 0 V
INO, INC = 5 mA, VCOM = 2/9 V
Room
Full
13
20
32
20
23.5
Ω
Switch Off Leakage Current
INO(off)
INC(off)
VCOM = 1/11 V
VNO, VNC = 11/1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage Current
ICOM(on)
VNO, VNC = VCOM = 11/1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Input Current
IINL or IINH
Full
0.01
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VNO, VNC = 5 V, See Figure 2
Room
Full
28
43
50
43
46
ns
Turn-Off Time
tOFF
Room
Full
13
31
35
31
32
Break-Before-Make Time Delay
tD
DG419L Only, VNC, VNO = 5 V
RL = 300 Ω, CL = 35 pF
Room
13
Charge Injectione
QINJ
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Room
1
pC
Off-Isolatione
OIRR
RL = 50 Ω, CL = 5 pF , f = 1 MHz
Room
- 71
dB
Channel-to-Channel Crosstalke
XTALK
Room
- 71
Source Off Capacitancee
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
5
pF
Channel-On Capacitancee
CON
Room
15
Power Supplies
Positive Supply Current
I+
VIN = 0 or VL
Room
Full
0.02
1
7.5
1
5
µA
Negative Supply Current
I-
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5
Logic Supply Current
IL
Room
Full
0.002
1
7.5
1
5
Ground Current
IGND
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5


Similar Part No. - DG419L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG419L VISHAY-DG419L Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
logo
Maxim Integrated Produc...
DG419L MAXIM-DG419L Datasheet
325Kb / 13P
   35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
logo
Vishay Siliconix
DG419L VISHAY-DG419L Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG419LDQ-T1-E3 VISHAY-DG419LDQ-T1-E3 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG419LDQ-T1-E3 VISHAY-DG419LDQ-T1-E3 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
More results

Similar Description - DG419L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com