Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG428 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG428
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG428_08 Datasheet HTML 1Page - Vishay Siliconix DG428_08 Datasheet HTML 2Page - Vishay Siliconix DG428_08 Datasheet HTML 3Page - Vishay Siliconix DG428_08 Datasheet HTML 4Page - Vishay Siliconix DG428_08 Datasheet HTML 5Page - Vishay Siliconix DG428_08 Datasheet HTML 6Page - Vishay Siliconix DG428_08 Datasheet HTML 7Page - Vishay Siliconix DG428_08 Datasheet HTML 8Page - Vishay Siliconix DG428_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DG428/429
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-4
Document Number: 70063
S-52433—Rev. J, 06-Sep-99
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, WR = 0, RS = 2.4
V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Minimum Input Timing Requirements
Write Pulse Width
tW
SFi
2
Full
100
100
AX, EN Data Set Up time
tS
See Figure 2
Full
100
100
ns
AX, EN Data Hold Time
tH
Full
10
10
ns
Reset Pulse Width
tRS
VS = 5 V, See Figure 3
Full
100
100
Power Supplies
Positive Supply Current
I+
VEN =0V VA =0 RS =5V
Room
20
100
100
mA
Negative Supply Current
I–
VEN = 0 V, VA = 0, RS = 5 V
Room
–0.001
–5
–5
mA
SPECIFICATIONSa FOR SINGLE SUPPLY
Test Conditions
Unless Otherwise Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 12 V, V– = 0 V, WR = 0
RS = 2.4 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
VD = +10 V, VAL = 0.8 V
IS = –500 mA, VAH = 2.4 V
Room
80
150
150
W
rDS(on) Matchg
DrDS(on)
0 V < VS < 10 V
IS = –1 mA
Room
5
%
Source Off
Leakage Current
IS(off)
VS = 0 V, 10 V, VD = 10 V, 0 V
VEN = 0 V
Room
Full
"0.03
–0.5
–50
0.5
50
–0.5
–50
0.5
50
A
Drain Off
ID(off)
VD = 0 V, 10 V
VS =10V 0V
DG428
Room
Full
"0.07
–1
–100
1
100
–1
–100
1
100
A
Drain Off
Leakage Current
ID(off)
VS = 10 V, 0 V
VEN = 0 V
DG429
Room
Full
"0.05
–1
–50
1
50
–1
–50
1
50
nA
Drain On
ID(on)
VS = VD = 0 V, 10 V
VEN = 2.4 V
DG428
Room
Full
"0.07
–1
–100
1
100
–1
–100
1
100
Drain On
Leakage Current
ID(on)
VEN
2.4 V
VAL = 0.8 V
VAH = 2.4 V
DG429
Room
Full
"0.05
–1
–50
1
50
–1
–50
1
50
Digital Control
Logic Input Current
It V lt
Hi h
IAH
VA = 2.4 V
Full
1
1
A
gp
Input Voltage High
IAH
VA = 12 V
Full
1
1
mA
Logic Input Current
Input Voltage Low
IAL
VEN = 0 V, 2.4 V, VA = 0 V
RS = 0 V, WR = 0 V
Full
–1
–1
mA
Dynamic Characteristics
Transition Time
tTRANS
S1 = 10 V/2 V, S8 = 2 V/ 10 V
See Figure 5
Room
Full
160
280
350
280
350
Break-Before-Make
Interval
tOPEN
See Figure 4
Room
Full
40
25
10
25
10
ns
Enable and Write
Turn-On Time
tON(EN, WR)
S1 =5 V
See Figures 6 and 7
Room
Full
110
300
400
300
400
ns
Enable and Reset
Turn-Off Time
tOFF(EN, RS)
S1 =5 V
See Figures 6 and 8
Room
Full
70
300
400
300
400
Charge Injection
Q
VGEN = 6 V, RGEN = 0 W
CL = 1 nF, See Figure 9
Room
4
pC
Off Isolation
OIRR
VEN = 0 V, RL = 300 W, CL = 15 pF
VS = 7 VRMS, f = 100 kHz
Room
–75
dB


Similar Part No. - DG428_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428DJ VISHAY-DG428DJ Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428DJ VISHAY-DG428DJ Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428DJ-E3 VISHAY-DG428DJ-E3 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428DJ-E3 VISHAY-DG428DJ-E3 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428DN VISHAY-DG428DN Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
More results

Similar Description - DG428_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com