Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N1204A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1N1204A
Description  Medium Power Silicon Rectifier Diodes, 12 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1204A Datasheet(HTML) 4 Page - Vishay Siliconix

  1N1204A Datasheet HTML 1Page - Vishay Siliconix 1N1204A Datasheet HTML 2Page - Vishay Siliconix 1N1204A Datasheet HTML 3Page - Vishay Siliconix 1N1204A Datasheet HTML 4Page - Vishay Siliconix 1N1204A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93493
4
Revision: 24-Jun-08
1N1...A, 1N36..A Series
Vishay High Power Products
Medium Power
Silicon Rectifier Diodes, 12 A
Fig. 1 - Average Forward Current vs.
Maximum Allowable Case Temperature
Fig. 2 - Maximum Low Level Forward Power Loss vs.
Average Forward Current
Fig. 3 - Maximum High Level Forward Power Loss vs.
Average Forward Current
Fig. 4 - Maximum Forward Voltage vs. Forward Current
Fig. 5 - Maximum Transient Thermal Impedance,
Junction to Case vs. Pulse Duration
Fig. 6 - Maximum Non-Repetitive 50 Hz Surge Current vs.
Number of Current Pulses
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95311


Similar Part No. - 1N1204A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1204A MICROSEMI-1N1204A Datasheet
106Kb / 2P
   Military Silicon Power Rectifier
logo
Diotec Semiconductor
1N1204A DIOTEC-1N1204A Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
logo
International Rectifier
1N1204A IRF-1N1204A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
1N1204A MICROSEMI-1N1204A Datasheet
129Kb / 2P
   MILITARY SILICON POWER RECTIFIER
logo
Diotec Semiconductor
1N1204A DIOTEC-1N1204A Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
More results

Similar Description - 1N1204A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
   HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com