Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27500-V100 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500-V100
Description  System-Side Impedance TracTM Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500-V100 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27500-V100 Datasheet HTML 1Page - Texas Instruments BQ27500-V100 Datasheet HTML 2Page - Texas Instruments BQ27500-V100 Datasheet HTML 3Page - Texas Instruments BQ27500-V100 Datasheet HTML 4Page - Texas Instruments BQ27500-V100 Datasheet HTML 5Page - Texas Instruments BQ27500-V100 Datasheet HTML 6Page - Texas Instruments BQ27500-V100 Datasheet HTML 7Page - Texas Instruments BQ27500-V100 Datasheet HTML 8Page - Texas Instruments BQ27500-V100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
2
DEVICE INFORMATION
2.1 AVAILABLE OPTIONS
2.2 PIN DIAGRAMS
BAT
V
SS
SRN
SRP
V
CC
BAT_GD
SDA
SCL
1
2
3
4
5
6
12
11
10
9
8
7
BAT_LOW
TS
1
2
3
4
5
6
12
11
10
9
8
7
BI/TOUT
BAT
V
SS
V
CC
BAT_LOW
TS
BI/TOUT
NC
SRN
SRP
BAT_GD
SDA
SCL
RID
bq27500
bq27501
2.3 TERMINAL FUNCTIONS
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
www.ti.com
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
TAPE and
FIRMWARE
COMMUNICATION
PART NUMBER
PACKAGE(2)
TA
REEL
VERSION(1)
FORMAT
QUANTITY
bq27500DRZR
3000
V1.06
bq27500DRZT
250
bq27500DRZR-V100
3000
12-pin, 2,5-mm
× 4-mm
V1.08
–40
°C to 85°C
I2C
SON
bq27500DRZT-V100
250
bq27501DRZR
3000
V1.08
bq27501DRZT
250
(1)
Ordering the device with the latest firmware version is recommended. To check the fiirmware revision and Errata list see SLUZ015
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINAL
TYPE(1)
DESCRIPTION
bq27500
bq27501
NAME
PIN NO.
PIN NO.
BAT
4
4
I
Cell-voltage measurement input. ADC input
Battery-good indicator. Active-low by default, though polarity can be configured through
BAT_GD
12
12
O
the [BATG_POL] of Operation Configuration. Open-drain output
Battery-low output indicator. Active-high by default, though polarity can be configured
BAT_LOW
1
1
O
through the [BATL_POL] in Operation Configuration. Push-pull output
Battery-insertion detection input. Power pin for pack thermistor network. Thermistor
BI/TOUT
2
2
I/O
multiplexer control pin. Open-drain I/O. Use with pullup resistor > 1 M
Ω (1.8 MΩ typical).
NC
9
No connection (bq27500)
RID
9
I
Resistor ID input (bq27501). Analog input with current sourcing capabilities
Slave I2C serial communications clock input line for communication with system (master).
SCL
11
11
I
Open-drain I/O. Use with 10-k
Ω pullup resistor (typical).
Slave I2C serial communications data line for communication with system (master).
SDA
10
10
I/O
Open-drain I/O. Use with 10-k
Ω pullup resistor (typical).
Analog input pin connected to the internal coulomb counter where SRN is nearest the
SRN
8
8
IA
System VSS connection. Connect to 5-mΩ to 20-mΩ sense resistor.
Analog input pin connected to the internal coulomb counter, where SRP is nearest the
SRP
7
7
IA
PACK– connection. Connect to 5-m
Ω to 20-mΩ sense resistor.
TS
3
3
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input
VCC
5
5
P
Processor power input. Decouple with 0.1-
µF capacitor, minimum.
Device ground. Electrically connected to the IC exposed thermal pad (do not use thermal
VSS
6
6
P
pad as primary ground. Connect thermal pad to Vss via a PCB trace).
(1)
I = Digital input, O = Digital output, I/O = Digital input/output, IA = Analog input, P = Power connection
Submit Documentation Feedback
DEVICE INFORMATION
3


Similar Part No. - BQ27500-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results

Similar Description - BQ27500-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com