Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG417 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG417
Description  Precision CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG417_08 Datasheet HTML 3Page - Vishay Siliconix DG417_08 Datasheet HTML 4Page - Vishay Siliconix DG417_08 Datasheet HTML 5Page - Vishay Siliconix DG417_08 Datasheet HTML 6Page - Vishay Siliconix DG417_08 Datasheet HTML 7Page - Vishay Siliconix DG417_08 Datasheet HTML 8Page - Vishay Siliconix DG417_08 Datasheet HTML 9Page - Vishay Siliconix DG417_08 Datasheet HTML 10Page - Vishay Siliconix DG417_08 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
www.vishay.com
7
Vishay Siliconix
DG417/418/419
TEST CIRCUITS
VO is the steady state output with the switch on.
Figure 2. Switching Time (DG417/418)
CL (includes fixture and stray capacitance)
RL
RL + rDS(on)
VO = VS
V-
IN
S
D
CL
35 pF
- 15 V
VL
GND
VO
± 10 V
V+
RL
300
Ω
+ 15 V
+ 5 V
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 20 ns
tf < 20 ns
tOFF
tON
90 %
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense.
Figure 3. Break-Before-Make (DG419)
IN
VL
VS1
D
V-
VS2
S2
V+
S1
- 15 V
GND
+ 15 V
+ 5 V
CL
35 pF
VO
RL
300
Ω
CL (includes fixture and stray capacitance)
0 V
3 V
0 V
Logic
Input
Switch
Output
VO
VS1 = VS2
tr < 20 ns
tf < 20 ns
90 %
tD
tD
Figure 4. Transition Time (DG419)
CL (includes fixture and stray capacitance)
VL
RL
RL + rDS(on)
VO = VS
V-
V+
IN
CL
35 pF
RL
300
Ω
D
VO
S2
S1
VS2
VS1
- 15 V
GND
+ 15 V
+ 5 V
0 V
3 V
50 %
Logic
Input
Switch
Output
VS1
tr < 20 ns
tf < 20 ns
10 %
tTRANS
90 %
V01
VS2
V02
tTRANS


Similar Part No. - DG417_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
   IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
   SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
DG417AK MAXIM-DG417AK Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
TEMIC Semiconductors
DG417AK TEMIC-DG417AK Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
DG417AK/883 TEMIC-DG417AK/883 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
More results

Similar Description - DG417_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com