Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27500DRZR-V100 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500DRZR-V100
Description  System-Side Impedance TracTM Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500DRZR-V100 Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ27500DRZR-V100 Datasheet HTML 19Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 20Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 21Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 22Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 23Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 24Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 25Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 26Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
5.2.12 Delta Voltage
5.2.13 Default Ra and Ra Tables
5.3 DETAILED DESCRIPTION OF DEDICATED PINS
5.3.1
The Operation Configuration Register
5.3.2
Pin Function Code Descriptions
5.3.3
BAT_LOW Pin
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
www.ti.com
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
The bq27500/1 stores the maximum difference of Voltage( ) during short load spikes and normal load, so
the Impedance Track™ algorithm can calculate remaining capacity for pulsed loads. It is not
recommended to change this value.
These tables contain encoded data and, with the exception of the Default Ra Tables, are automatically
updated during device operation. No user changes should be made except for reading/writing the values
from a pre-learned pack (part of the process for creating golden image files).
Some bq27500/1 pins are configured via the Operation Configuration data flash register, as indicated in
Table 5-3. This register is programmed/read via the methods described in Section 4.2.1, Accessing the
Data Flash. The register is located at subclass = 64, offset = 0.
Table 5-3. Operation Configuration Bit Definition
Operation
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Cfg
High byte
RESCAP
PFC_CFG1
PFC_CFG0
IWAKE
RSNS1
RSNS0
Low byte
IDSELEN
SLEEP
RMFCC
BATL_POL
BATG_POL
TEMPS
RESCAP = No-load rate of compensation is applied to the reserve capacity calculation. True when set. Default is 0.
PFC_CFG1/PFC_CFG0 = Pin function code (PFC) mode selection: PFC 0, 1, or 2 selected by 0/0, 0/1, or 1/0, respectively.
Default is PFC 1 (0/1).
IWAKE/RSNS1/RSNS0 = These bits configure the current wake function (see Table 5-4). Default is 0/0/1.
IDSELEN = Enables cell profile selection feature. True when set. Default is 1.
SLEEP = The fuel gauge can enter sleep, if operating conditions allow. True when set. Default is 1.
RMFCC = RM is updated with the value from FCC, on valid charge termination. True when set. Default is 1.
BATL_POL = BAT_LOW pin is active-high. True when set. Default is 1.
BATG_POL = BAT_GD pin is active-low. True when cleared. Default is 0.
TEMPS = Selects external thermistor for Temperature( ) measurements. True when set. Default is 1.
The bq27500/1 has three possible pin-function variations that can be selected in accordance with the
circuit architecture of the end application. Each variation has been assigned a pin function code, or PFC.
When the PFC is set to 0, only the bq27500/1 measures battery temperature under discharge and
relaxation conditions. The charger does not receive any information from the bq27500/1 about the
temperature readings, and therefore operates open-loop with respect to battery temperature.
A PFC of 1 is like a PFC of 0, except temperature is also monitored during battery charging. If charging
temperature falls outside of the preset range defined in data flash, a charger can be disabled via the
BAT_GD pin until cell temperature recovers. See Section 5.6.2, Charge Inhibit, for additional details.
Finally when the PFC is set to 2, the battery thermistor can be shared between the fuel gauge and the
charger. The charger has full usage of the thermistor during battery charging. The fuel gauge uses the
thermistor exclusively during discharge and battery relaxation.
The PFC is specified in Operation Configuration [PFC_CFG1, PFC_CFG0]. The default is PFC = 1.
The BAT_LOW pin provides a system processor with an electrical indicator of battery status. The signaling
on the BAT_LOW pin follows the status of the [SOC1] bit in the Flags( ) register. Note that the polarity of
the BAT_LOW pin can be inverted via the [BATL_POL] bit of Operation Configuration.
Submit Documentation Feedback
FUNCTIONAL DESCRIPTION
23


Similar Part No. - BQ27500DRZR-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZR-V100 TI-BQ27500DRZR-V100 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27500DRZR-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com