Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27500DRZR-V100 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500DRZR-V100
Description  System-Side Impedance TracTM Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500DRZR-V100 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ27500DRZR-V100 Datasheet HTML 13Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 14Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 15Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 16Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 17Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 18Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 19Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 20Page - Texas Instruments BQ27500DRZR-V100 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
4.3 MANUFACTURER INFORMATION BLOCKS
4.4 ACCESS MODES
4.5 SEALING/UNSEALING DATA FLASH
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
www.ti.com
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
None of the data written to memory are bounded by the bq27500/1– the values are not rejected by the
fuel gauge. Writing an incorrect value may result in hardware failure due to firmware program
interpretation of the invalid data. The written data is persistent, so a power-on reset does resolve the fault.
The bq27500/1 contains 96 bytes of user programmable data flash storage: Manufacturer Info Block A,
Manufacturer Info Block B, Manufacturer Info Block C. The method for accessing these memory
locations is slightly different, depending on whether the device is in UNSEALED or SEALED modes.
When in UNSEALED mode and when and 0x00 has been written to BlockDataControl( ), accessing the
manufacturer information blocks is identical to accessing general data flash locations. First, a
DataFlashClass( ) command is used to set the subclass, then a DataFlashBlock( ) command sets the
offset for the first data flash address within the subclass. The BlockData( ) command codes contain the
referenced data flash data. When writing the data flash, a checksum is expected to be received by
BlockDataChecksum( ). Only when the checksum is received and verified is the data actually written to
data flash.
As an example, the data flash location for Manufacturer Info Block B is defined as having a Subclass =
58 and an Offset = 32 through 63 (32 byte block). The specification of Class = System Data is not needed
to address Manufacturer Info Block B, but is used instead for grouping purposes when viewing data
flash info in the bq27500/1 evaluation software.
When in SEALED mode or when 0x01 BlockDataControl( ) does not contain 0x00, data flash is no longer
available in the manner used in UNSEALED mode. Rather than issuing subclass information, a
designated manufacturer information block is selected with the DataFlashBlock( ) command. Issuing a
0x01, 0x02, or 0x03 with this command causes the corresponding information block (A, B, or C,
respectively) to be transferred to the command space 0x40
…0x5f for editing or reading by the system.
Upon successful writing of checksum information to BlockDataChecksum( ), the modified block is returned
to data flash. Note: Manufacturer Info Block A is read-only when in SEALED mode.
The bq27500/1 provides three security modes (FULL ACCESS, UNSEALED, and SEALED) that control
data flash access permissions, according to Table 4-6. Public Access refers to those data flash locations,
specified in Table 4-7, that are accessible to the user. Private Access refers to reserved data flash
locations used by the bq27500/1 system. Care should be taken to avoid writing to Private data flash
locations when performing block writes in FULL ACCESS mode, by following the procedure outlined in
Section 4.2.1, ACCESSING THE DATA FLASH.
Table 4-6. Data Flash Access
Security Mode
DF – Public Access
DF – Private Access
FULL ACCESS
R/W
R/W
UNSEALED
R/W
R/W
SEALED
R
N/A
Although FULL ACCESS and UNSEALED modes appear identical, only FULL ACCESS allows the
bq27500/1 to write access-mode transition keys.
The bq27500/1 implements a key-access scheme to transition between SEALED, UNSEALED, and
FULL-ACCESS modes. Each transition requires that a unique set of two keys be sent to the bq27500/1
via the Control( ) control command. The keys must be sent consecutively, with no other data being written
to the Control( ) register between them. Note that to avoid conflict, the keys must be different from the
codes presented in the CNTL DATA column of Table 4-2 Control( ) subcommands.
Submit Documentation Feedback
GENERAL DESCRIPTION
17


Similar Part No. - BQ27500DRZR-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZR-V100 TI-BQ27500DRZR-V100 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27500DRZR-V100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com