Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6149 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS6149
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6149 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS6149_1 Datasheet HTML 3Page - Texas Instruments ADS6149_1 Datasheet HTML 4Page - Texas Instruments ADS6149_1 Datasheet HTML 5Page - Texas Instruments ADS6149_1 Datasheet HTML 6Page - Texas Instruments ADS6149_1 Datasheet HTML 7Page - Texas Instruments ADS6149_1 Datasheet HTML 8Page - Texas Instruments ADS6149_1 Datasheet HTML 9Page - Texas Instruments ADS6149_1 Datasheet HTML 10Page - Texas Instruments ADS6149_1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
ELECTRICAL CHARACTERISTICS – ADS6149 and ADS6148
ELECTRICAL CHARACTERISTICS – ADS6129 and ADS6128
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
Typical values are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1dBFS differential analog input, internal
reference mode unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 1.8 V
ADS6149
ADS6148
210 MSPS
250 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Fin = 20 MHz
73.4
73.4
Fin = 80 MHz
72.7
72.7
SNR
Fin = 100 MHz
72.3
72.3
dBFS
Signal to noise ratio, LVDS
Fin = 170 MHz
69
71.3
69.7
71.2
Fin = 300 MHz
69
69
Fin = 20 MHz
73.2
73.3
Fin = 80 MHz
72.4
72.4
SINAD
Fin = 100 MHz
71.9
71.8
dBFS
Signal to noise and distortion ratio, LVDS
Fin = 170 MHz
68
70.6
68.7
70.9
Fin = 300 MHz
68
68.2
ENOB
Fin = 170 MHz
11
11.4
11.1
11.5
LSB
Effective number of bits
DNL
–0.95
±0.4
2
–0.95
±0.4
2
LSB
Differential non-linearity
INL
–5
±2
5
–5
±2
5
LSB
Integrated non-linearity
Typical values are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1dBFS differential analog input, internal
reference mode unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 1.8 V
ADS6129
ADS6128
210 MSPS
250 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Fin = 20 MHz
70.7
70.9
Fin = 80 MHz
70.5
70.5
SNR,
Fin = 100 MHz
70.1
70.1
dBFS
Signal to noise ratio, LVDS
Fin = 170 MHz
67.5
69.5
67.7
69.5
Fin = 300 MHz
67.8
67.9
Fin = 20 MHz
70.6
70.8
Fin = 80 MHz
70.4
70.4
SINAD
Fin = 100 MHz
69.8
69.8
dBFS
Signal to noise and distortion ratio, LVDS
Fin = 170 MHz
66.5
69.2
66.7
69.3
Fin = 300 MHz
67.2
67.3
ENOB,
Fin = 170 MHz
10.8
11.2
10.8
11.2
LSB
Effective number of bits
DNL
–0.5
±0.2
1
–0.5
±0.2
1.0
LSB
Differential non-linearity
INL
–2.5
±1
2.5
–2.5
±1
2.5
LSB
Integrated non-linearity
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Similar Part No. - ADS6149_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS6149_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com