Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7618A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SH7618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
Download  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7618A Datasheet(HTML) 5 Page - Renesas Technology Corp

  SH7618A Datasheet HTML 1Page - Renesas Technology Corp SH7618A Datasheet HTML 2Page - Renesas Technology Corp SH7618A Datasheet HTML 3Page - Renesas Technology Corp SH7618A Datasheet HTML 4Page - Renesas Technology Corp SH7618A Datasheet HTML 5Page - Renesas Technology Corp SH7618A Datasheet HTML 6Page - Renesas Technology Corp SH7618A Datasheet HTML 7Page - Renesas Technology Corp SH7618A Datasheet HTML 8Page - Renesas Technology Corp SH7618A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 646 page
background image
Rev. 6.00 Jun. 12, 2007 Page v of xxxii
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product's state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system's
operation is not guaranteed if they are accessed.


Similar Part No. - SH7618A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7615 RENESAS-SH7615 Datasheet
5Mb / 925P
   32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
SH7616 RENESAS-SH7616 Datasheet
5Mb / 935P
   32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
SH7619 RENESAS-SH7619 Datasheet
4Mb / 836P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7619 RENESAS-SH7619 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7619 RENESAS-SH7619_09 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
More results

Similar Description - SH7618A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7211 RENESAS-SH7211 Datasheet
6Mb / 1228P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7206 RENESAS-SH7206 Datasheet
7Mb / 1188P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7619 RENESAS-SH7619 Datasheet
4Mb / 836P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7144 RENESAS-SH7144_08 Datasheet
4Mb / 930P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144 Series
SH7670 RENESAS-SH7670 Datasheet
6Mb / 1292P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
SH7261 RENESAS-SH7261 Datasheet
7Mb / 1348P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7201 RENESAS-SH7201 Datasheet
7Mb / 1196P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7203 RENESAS-SH7203 Datasheet
9Mb / 1686P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com