Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F38424 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD64F38424
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
Download  663 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F38424 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F38424 Datasheet HTML 3Page - Renesas Technology Corp HD64F38424 Datasheet HTML 4Page - Renesas Technology Corp HD64F38424 Datasheet HTML 5Page - Renesas Technology Corp HD64F38424 Datasheet HTML 6Page - Renesas Technology Corp HD64F38424 Datasheet HTML 7Page - Renesas Technology Corp HD64F38424 Datasheet HTML 8Page - Renesas Technology Corp HD64F38424 Datasheet HTML 9Page - Renesas Technology Corp HD64F38424 Datasheet HTML 10Page - Renesas Technology Corp HD64F38424 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 663 page
background image
Rev. 6.00 Aug 04, 2006 page vii of xxxiv
Main Revisions for this Edition
Item
Page
Revision (See Manual for Details)
All
“Under development” indication deleted from H8/38427 Group
Preface
iv
Note 6. (User Board Changes) amended, and note 7. added
6. It is necessary to change the user board for LCD display
debugging. This item does not apply if LCD display is not used
or if the emulator is not operated in writer mode.
User Board Changes
The following changes are necessary.
• Connect pin V1 to the VCC power supply. Also connect
capacitors and resistors to pins V1, V2, and V3. Connect a
capacitor and a resistor to pins V1, V2, and V3.
Normal Operation
Debugging
Vcc
LCD
H8/38327
H8/38427
Vcc
LCD
H8/38327
H8/38427
P8
7/SEG32
P8
6/SEG31
P8
5/SEG30
P8
7/SEG32
P8
6/SEG31
P8
5/SEG30
V2
V3
R = 240
Ω*
C = 0.1
µF*
R
R
R
C
C
C
V0
Vcc
V1
V0
Vcc
V2
V3
Connect
Connect
Dis-
connect
Disonnect
Disconnect
Connect
Emulator
connectors
Emulator
connectors
Note: *
R and C values are intended only as guidelines.
They may be adjusted based on the indications.
7. During a break, the watchdog timer continues to operate.
Therefore, an internal reset is generated if an overflow occurs
during the break.
1.3.2 Pin Functions
Table 1.6 Pin
Functions
28
Table amended
Pin No.
Type
Symbol
FP-80A
TFP-80C
FP-80B
I/O
Name and Functions
System
control
TEST
8
10
Input
Test pin: This pin is reserved and
cannot be used. It should be connected
to VSS.
8.3.1 Overview
203
Description amended
Port 3 is a 8-bit I/O port, configured as shown in figure 8.2.
In the F-ZTAT version, the on-chip pull-up MOS for pin P32 is on
during the reset period. It turns off and normal operation resumes
after the reset is cleared. This should be considered when making
connections to external circuitry. Note that in the mask ROM and
ZTAT versions P32 continues to operate normally.


Similar Part No. - HD64F38424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F38444 RENESAS-HD64F38444 Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64F38447 RENESAS-HD64F38447 Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
More results

Similar Description - HD64F38424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838024 RENESAS-H838024_10 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802_10 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD6473847RHV RENESAS-HD6473847RHV Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83847R RENESAS-H83847R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83724 RENESAS-H83724 Datasheet
1Mb / 352P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64F3644HV RENESAS-HD64F3644HV Datasheet
3Mb / 551P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com