Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2631 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8S2631
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
Download  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2631 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8S2631 Datasheet HTML 7Page - Renesas Technology Corp H8S2631 Datasheet HTML 8Page - Renesas Technology Corp H8S2631 Datasheet HTML 9Page - Renesas Technology Corp H8S2631 Datasheet HTML 10Page - Renesas Technology Corp H8S2631 Datasheet HTML 11Page - Renesas Technology Corp H8S2631 Datasheet HTML 12Page - Renesas Technology Corp H8S2631 Datasheet HTML 13Page - Renesas Technology Corp H8S2631 Datasheet HTML 14Page - Renesas Technology Corp H8S2631 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xi of lxii
Notes on H8S/2695
1. Notes on P35 Pin Functions (SCK1, SCK4) in H8S/2695
The following restrictions apply to the functions of P35 (SCK1, SCK4) in the H8S/2695. The
functions indicated by *2 below cannot be used in the H8S/2695, and these combinations must not
be set.
(1) P35 Pin Functions in H8S/2633 Group and H8S/2633R
ICE
0
1
CKE1(SCI1)
CKE1(SCI4)
0
0
0, 1, 1
1, 0, 1
0
0
C/
A(SCI1)
C/
A(SCI4)
0
0
1
1
0
0
CKE0(SCI1)
CKE0(SCI4)
0
0
0, 1, 1
1, 0, 1

0
0
P35DDR
0
1

Pin function
P35
input pin
P35
output pin*
1
SCK1/SCK4
output pin*
1
SCK1/SCK4
output pin*
1
SCK1/SCK4
input pin
SCL0
input/output pin
IRQ5 input
(2) P35 Pin Functions in H8S/2695
CKE1(SCI1)
CKE1(SCI4)
0
0
0*
2
1*
2
1*
2
0*
2
1
1
C/
A(SCI1)
C/
A(SCI4)
0
0
1
1

CKE0(SCI1)
CKE0(SCI4)
0
0
0, 1, 1
1, 0, 1


P35DDR
0
1


0*
3
Pin function
P35
input pin
P35
output pin
SCK1/SCK4
output pin
SCK1/SCK4
output pin

SCK1/SCK4
input pin
IRQ5 input
Notes: 1. The output type is normally NMOS push-pull output, but NMOS open-drain output when P35ODR = 1.
2. These combinations must not be set.
3. If SCK1 and SCK4 are used as input (clock input) pins on the H8S/2695, P35DDR must be cleared
to 0.
2. Notes on H8S/2695 Development (Using H8S/2633 Emulator Chip)
The H8S/2695 is not equipped with an I2C bus function and output from pins 34 and 35 is CMOS
output (unless P34ODR or P35ODR is set to 1, respectively). These pins are used for NMOS
push-pull output on the H8S/2633 emulator chip, so the output characteristics of these pins are
different than is the case with the H8S/2695. If it is necessary to use pins 34 and 35 for CMOS
output, use an appropriate resistance to pull up pins 34 and 35 of the H8S/2633 emulator chip.


Similar Part No. - H8S2631

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2630 RENESAS-H8S2630 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2635 RENESAS-H8S2635 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2636 RENESAS-H8S2636 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2638 RENESAS-H8S2638 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2639 RENESAS-H8S2639 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results

Similar Description - H8S2631

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2639 RENESAS-H8S2639 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2643 RENESAS-H8S2643 Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6417750RF240V RENESAS-HD6417750RF240V Datasheet
3Mb / 606P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2668 RENESAS-H8S2668 Datasheet
3Mb / 667P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2649 RENESAS-H8S2649 Datasheet
4Mb / 766P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2628 RENESAS-H8S2628_10 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD64F2636F20 RENESAS-HD64F2636F20 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2615 RENESAS-H8S2615 Datasheet
2Mb / 479P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2646 RENESAS-H8S2646 Datasheet
5Mb / 1165P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com