Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2648R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H8S2648R
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
Download  1165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2648R Datasheet(HTML) 5 Page - Renesas Technology Corp

  H8S2648R Datasheet HTML 1Page - Renesas Technology Corp H8S2648R Datasheet HTML 2Page - Renesas Technology Corp H8S2648R Datasheet HTML 3Page - Renesas Technology Corp H8S2648R Datasheet HTML 4Page - Renesas Technology Corp H8S2648R Datasheet HTML 5Page - Renesas Technology Corp H8S2648R Datasheet HTML 6Page - Renesas Technology Corp H8S2648R Datasheet HTML 7Page - Renesas Technology Corp H8S2648R Datasheet HTML 8Page - Renesas Technology Corp H8S2648R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1165 page
background image
Rev. 5.00 Sep 22, 2005 page v of xxvi
Preface
The H8S/2646 Group is a series of high-performance microcontrollers with a 32-bit H8S/2600
CPU core, and a set of on-chip supporting functions required for system configuration.
This LSI is equipped with a 16-bit timer pulse unit (TPU), programmable pulse generator (PPG),
watchdog timer (WDT), serial communication interface (SCI), A/D converter, motor control
PWM timer (PWM), LCD controller/driver (LCDC), and I/O ports as on-chip supporting modules.
In addition, data transfer controller (DTC) is provided, enabling high-speed data transfer without
CPU intervention. This LSI is suitable for use as an embedded processor for high-level control
systems. Its on-chip ROM are flash memory (F-ZTAT™*) that provides flexibility as it can be
reprogrammed in no time to cope with all situations from the early stages of mass production to
full-scale mass production. This is particularly applicable to application devices with
specifications that will most probably change.
Note: * F-ZTAT is a trademark of Renesas Technology Corp.
Target Users: This manual was written for users who will be using the H8S/2646 Group in the
design of application systems. Members of this audience are expected to understand
the fundamentals of electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8S/2646 Group to the above audience. Refer to the
H8S/2600 Series, H8S/2000 Series Programming Manual for a detailed description
of the instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8S/2600 Series, H8S/2000 Series Programming Manual.
• In order to understand the details of a register when its name is known
The addresses, bits, and initial values of the registers are summarized in appendix B, Internal
I/O Register.
Example: Bit order: The MSB is on the left and the LSB is on the right.
Related Manuals:
The latest versions of all related manuals are available from our web site.
Please ensure you have the latest versions of all documents you require.
http://www.renesas.com/eng/


Similar Part No. - H8S2648R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2643 RENESAS-H8S2643 Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2643F RENESAS-H8S2643F Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2649 RENESAS-H8S2649 Datasheet
4Mb / 766P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results

Similar Description - H8S2648R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2639 RENESAS-H8S2639 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2643 RENESAS-H8S2643 Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6417750RF240V RENESAS-HD6417750RF240V Datasheet
3Mb / 606P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2668 RENESAS-H8S2668 Datasheet
3Mb / 667P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2649 RENESAS-H8S2649 Datasheet
4Mb / 766P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2628 RENESAS-H8S2628_10 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD64F2636F20 RENESAS-HD64F2636F20 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2615 RENESAS-H8S2615 Datasheet
2Mb / 479P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2633 RENESAS-H8S2633 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com