Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H83802 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H83802
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
Download  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83802 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H83802 Datasheet HTML 2Page - Renesas Technology Corp H83802 Datasheet HTML 3Page - Renesas Technology Corp H83802 Datasheet HTML 4Page - Renesas Technology Corp H83802 Datasheet HTML 5Page - Renesas Technology Corp H83802 Datasheet HTML 6Page - Renesas Technology Corp H83802 Datasheet HTML 7Page - Renesas Technology Corp H83802 Datasheet HTML 8Page - Renesas Technology Corp H83802 Datasheet HTML 9Page - Renesas Technology Corp H83802 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 555 page
background image
Rev. 6.00 Mar 15, 2005 page vi of l
Target Users:
This manual was written for users who will be using the H8/3802 Group,
H8/38004 Group, H8/38002S Group, and H8/38104 Group in the design of
application systems. Target users are expected to understand the fundamentals of
electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8/3802 Group, H8/38004 Group, H8/38002S Group, and
H8/38104 Group to the target users.
Refer to the H8/300L Series Programming Manual for a detailed description of the
instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8/300L Series Programming Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 14,
List of Registers.
Example:
Bit order:
The MSB is on the left and the LSB is on the right.
Notes:
The following limitations apply to H8/38004, H8/38002, H8/38104, and H8/38102 programming
and debugging when the on-chip emulator is used.
1. Pin P95 is not available because it is used exclusively by the on-chip emulator.
2. Pins P33, P34, and P35 are unavailable for use. In order to use these pins additional hardware
must be mounted on the user board.
3. The address range H'7000 to H'7FFF is used by the on-chip emulator and is unavailable to the
user.
4. The address range H'F780 to H'FB7F must not be accessed under any circumstances.
5. When the on-chip emulator is being used, pin P95 is I/O, pins P33 and P34 are input, and pin
P35 is output.
6. When using the on-chip emulator, pins OSC1 and OSC2 should be connected to an oscillator,
or an external clock should be supplied to pin OSC1, even if the on-chip oscillator of the
H8/38104 Group is selected.
Related Manuals:
The latest versions of all related manuals are available from our web site.
Please ensure you have the latest versions of all documents you require.
http://www.renesas.com/eng/


Similar Part No. - H83802

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83802 RENESAS-H83802 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H838020 RENESAS-H838020 Datasheet
3Mb / 697P
   Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
H838020 RENESAS-H838020 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H838020S RENESAS-H838020S Datasheet
3Mb / 697P
   Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
H838020S RENESAS-H838020S Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
More results

Similar Description - H83802

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838024 RENESAS-H838024_10 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802_10 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD6473847RHV RENESAS-HD6473847RHV Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83847R RENESAS-H83847R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83827R RENESAS-H83827R Datasheet
5Mb / 663P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83724 RENESAS-H83724 Datasheet
1Mb / 352P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64F3644HV RENESAS-HD64F3644HV Datasheet
3Mb / 551P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com