Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H836087 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # H836087
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
Download  506 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H836087 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H836087 Datasheet HTML 27Page - Renesas Technology Corp H836087 Datasheet HTML 28Page - Renesas Technology Corp H836087 Datasheet HTML 29Page - Renesas Technology Corp H836087 Datasheet HTML 30Page - Renesas Technology Corp H836087 Datasheet HTML 31Page - Renesas Technology Corp H836087 Datasheet HTML 32Page - Renesas Technology Corp H836087 Datasheet HTML 33Page - Renesas Technology Corp H836087 Datasheet HTML 34Page - Renesas Technology Corp H836087 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 506 page
background image
Section 1 Overview
Rev. 2.00 Sep. 23, 2005 Page 1 of 472
REJ09B0160-0200
Section 1 Overview
1.1
Features
• High-speed H8/300H central processing unit with an internal 16-bit architecture
 Upward-compatible with H8/300 CPU on an object level
 Sixteen 16-bit general registers
 62 basic instructions
• Various peripheral functions
 RTC (can be used as a free running counter)
 Timer B1 (8-bit timer)
 Timer V (8-bit timer)
 Timer Z (16-bit timer)
 14-bit PWM
 Watchdog timer
 SCI (Asynchronous or clocked synchronous serial communication interface) × 2 channels
 I2C Bus Interface (conforms to the I2C bus interface format that is advocated by Philips
Electronics)
 10-bit A/D converter


Similar Part No. - H836087

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836010 RENESAS-H836010 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836011 RENESAS-H836011 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012 RENESAS-H836012 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012F RENESAS-H836012F Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836013 RENESAS-H836013 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
More results

Similar Description - H836087

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836094 RENESAS-H836094 Datasheet
3Mb / 432P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
R8C1A RENESAS-R8C1A Datasheet
3Mb / 339P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
R8C18 RENESAS-R8C18 Datasheet
2Mb / 257P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
R8C-18 RENESAS-R8C-18_1 Datasheet
2Mb / 257P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
R8C27 RENESAS-R8C27 Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C25 RENESAS-R8C25 Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C RENESAS-R8C_08 Datasheet
4Mb / 487P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C28 RENESAS-R8C28_08 Datasheet
4Mb / 473P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C29 RENESAS-R8C29 Datasheet
4Mb / 471P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com