Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H836087 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # H836087
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
Download  506 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H836087 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button H836087 Datasheet HTML 91Page - Renesas Technology Corp H836087 Datasheet HTML 92Page - Renesas Technology Corp H836087 Datasheet HTML 93Page - Renesas Technology Corp H836087 Datasheet HTML 94Page - Renesas Technology Corp H836087 Datasheet HTML 95Page - Renesas Technology Corp H836087 Datasheet HTML 96Page - Renesas Technology Corp H836087 Datasheet HTML 97Page - Renesas Technology Corp H836087 Datasheet HTML 98Page - Renesas Technology Corp H836087 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 506 page
background image
Section 4 Address Break
Rev. 2.00 Sep. 23, 2005 Page 65 of 472
REJ09B0160-0200
4.2
Operation
When the ABIF and ABIE bits in ABRKSR are set to 1, the address break function generates an
interrupt request to the CPU. The ABIF bit in ABRKSR is set to 1 by the combination of the
address set in BAR, the data set in BDR, and the conditions set in ABRKCR. When the interrupt
request is accepted, interrupt exception handling starts after the instruction being executed ends.
The address break interrupt is not masked by the I bit in CCR of the CPU.
Figures 4.2 show the operation examples of the address break interrupt setting.
NOP
instruc-
tion
prefetch
Register setting
• ABRKCR = H'80
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
0258
Address
bus
φ
Interrupt
request
025A
025C
025E
SP-2
SP-4
NOP
instruc-
tion
prefetch
MOV
instruc-
tion 1
prefetch
MOV
instruc-
tion 2
prefetch
Internal
processing
Stack save
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in instruction execution cycle
Figure 4.2 Address Break Interrupt Operation Example (1)


Similar Part No. - H836087

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836010 RENESAS-H836010 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836011 RENESAS-H836011 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012 RENESAS-H836012 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012F RENESAS-H836012F Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836013 RENESAS-H836013 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
More results

Similar Description - H836087

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836094 RENESAS-H836094 Datasheet
3Mb / 432P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
R8C1A RENESAS-R8C1A Datasheet
3Mb / 339P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
R8C18 RENESAS-R8C18 Datasheet
2Mb / 257P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
R8C-18 RENESAS-R8C-18_1 Datasheet
2Mb / 257P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
R8C27 RENESAS-R8C27 Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C25 RENESAS-R8C25 Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C RENESAS-R8C_08 Datasheet
4Mb / 487P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C28 RENESAS-R8C28_08 Datasheet
4Mb / 473P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C29 RENESAS-R8C29 Datasheet
4Mb / 471P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com