Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H838776 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # H838776
Description  12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
Download  594 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838776 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H838776 Datasheet HTML 75Page - Renesas Technology Corp H838776 Datasheet HTML 76Page - Renesas Technology Corp H838776 Datasheet HTML 77Page - Renesas Technology Corp H838776 Datasheet HTML 78Page - Renesas Technology Corp H838776 Datasheet HTML 79Page - Renesas Technology Corp H838776 Datasheet HTML 80Page - Renesas Technology Corp H838776 Datasheet HTML 81Page - Renesas Technology Corp H838776 Datasheet HTML 82Page - Renesas Technology Corp H838776 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 594 page
background image
Section 3 Exception Handling
Rev. 1.00 Dec. 18, 2006 Page 57 of 568
REJ09B0348-0100
3.2
Reset
A reset has the highest exception priority. Table 3.2 shows the three sources that cause a reset.
Table 3.2
Interrupt Sources that Cause a Reset
Origin of Interrupt Source
Description
RES pin
Low-level input
Power-on reset circuit
Rising of the power-supply voltage (Vcc)
For details, see section 20, Power-On Reset
Circuit.
Watchdog timer
Counter overflow
For details, see section 14, Watchdog Timer.
3.2.1
Reset Exception Handling
When a reset is generated, all processing halts and this LSI enters the reset state. A reset initializes
the internal state of the CPU and the registers of the on-chip peripheral modules. To ensure that
this LSI be reset, the
RES pin has to be held low for the oscillation stabilization time of the system
clock oscillator either after power-on or when the system clock oscillator is halted. If the system
clock oscillator is functioning, the
RES pin has to be held low for the number of the t
REL state as is
specified by the electrical characteristics.
When a reset source has been raised, this LSI starts reset exception handling as follows.
1. The internal state of the CPU and the registers of the on-chip peripheral modules are initialized
and the I bit in CCR is set to 1.
2. The reset exception handling vector address (H'0000 and H'0001) is read and transferred to the
PC, and then program execution starts from the address indicated by the PC.
The sequence of the reset exception handling caused by the reset pin is shown in figure 3.1.


Similar Part No. - H838776

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838700S RENESAS-H838700S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838701S RENESAS-H838701S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838702 RENESAS-H838702 Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838702S RENESAS-H838702S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838703 RENESAS-H838703 Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
More results

Similar Description - H838776

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
166Kb / 16P
   12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6502 FAIRCHILD-FMS6502 Datasheet
538Kb / 13P
   8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com