Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H838776 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # H838776
Description  12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
Download  594 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838776 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button H838776 Datasheet HTML 33Page - Renesas Technology Corp H838776 Datasheet HTML 34Page - Renesas Technology Corp H838776 Datasheet HTML 35Page - Renesas Technology Corp H838776 Datasheet HTML 36Page - Renesas Technology Corp H838776 Datasheet HTML 37Page - Renesas Technology Corp H838776 Datasheet HTML 38Page - Renesas Technology Corp H838776 Datasheet HTML 39Page - Renesas Technology Corp H838776 Datasheet HTML 40Page - Renesas Technology Corp H838776 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 594 page
background image
Section 1 Overview
Rev. 1.00 Dec. 18, 2006 Page 15 of 568
REJ09B0348-0100
Pin No.
Type
Symbol
FP-80A,
TFP-80C
TLP-85V
I/O
Functions
TCLKA
80
A3
Input
External clock input pins.
TCLKB
1
B1
Input
16-bit timer
pulse unit
(TPU)
TCLKC
2
C1
Input
Timer F
TMIF
18
H3
Input
Event input pins for input to the timer
F counter.
TMOFL
19
J1
Output Output pins for waveforms generated
by the timer FL output compare
function.
TMOFH
20
H1
Output Output pins for waveforms generated
by the timer FH output compare
function.
AEVL
79
A2
Input
Event input pins for input to the
asynchronous event counter.
Asynch-
ronous
event
counter
(AEC)
AEVH
78
C3
Input
Realtime
clock
(RTC)
TMOW
5
D1
Output Divided clock output pins for the RTC.
14-bit PWM PWM1
74
A5
Output
PWM2
75
B4
Output
Output pins for waveforms generated
by the 14-bit PWM in PWM channels
1 and 2.
SCK4
4
C2
I/O
Transfer clock pins for SCI4 data
transmission/reception. When the E7
or on-chip emulator debugger is used,
this pin is not available.
SI4
8
E1
Input
SCI4 data input pins. When the E7 or
on-chip emulator debugger is used,
this pin is not available.
Serial
commu-
nication
interface 4
(SCI4)
(F-ZTAT
version
only)
SO4
9
E3
Output SCI4 data output pins. When the E7
or on-chip emulator debugger is used,
this pin is not available.


Similar Part No. - H838776

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838700S RENESAS-H838700S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838701S RENESAS-H838701S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838702 RENESAS-H838702 Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838702S RENESAS-H838702S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838703 RENESAS-H838703 Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
More results

Similar Description - H838776

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
166Kb / 16P
   12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6502 FAIRCHILD-FMS6502 Datasheet
538Kb / 13P
   8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com