Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5M7084 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5M7084
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
Download  1644 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5M7084 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5M7084 Datasheet HTML 2Page - Renesas Technology Corp R5M7084 Datasheet HTML 3Page - Renesas Technology Corp R5M7084 Datasheet HTML 4Page - Renesas Technology Corp R5M7084 Datasheet HTML 5Page - Renesas Technology Corp R5M7084 Datasheet HTML 6Page - Renesas Technology Corp R5M7084 Datasheet HTML 7Page - Renesas Technology Corp R5M7084 Datasheet HTML 8Page - Renesas Technology Corp R5M7084 Datasheet HTML 9Page - Renesas Technology Corp R5M7084 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 1644 page
background image
Rev. 3.00 May 17, 2007 Page vi of lviii
Preface
The SH7083, SH7084, SH7085, and SH7086 Group RISC (Reduced Instruction Set Computer)
microcomputers include a Renesas Technology-original RISC CPU as its core, and the peripheral
functions required to configure a system.
Target Users: This manual was written for users who will be using the SH7083, SH7084, SH7085,
and SH7086 Group in the design of application systems. Target users are expected
to understand the fundamentals of electrical circuits, logical circuits, and
microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the SH7083, SH7084, SH7085, and SH7086 Group to the target
users.
Refer to the SH-1/SH-2/SH-DSP Software Manual for a detailed description of the
instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the SH-1/SH-2/SH-DSP Software Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 27,
List of Registers.
Examples:
Register name:
The following notation is used for cases when the same or a
similar function, e.g. serial communication interface, is
implemented on more than one channel:
XXX_N (XXX is the register name and N is the channel
number)
Bit order:
The MSB is on the left and the LSB is on the right.
Number notation:
Binary is B'xxxx, hexadecimal is H'xxxx, decimal is xxxx.
Signal notation:
An overbar is added to a low-active signal:
xxxx


Similar Part No. - R5M7084

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5M7084 RENESAS-R5M7084 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
R5M7084 RENESAS-R5M7084 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results

Similar Description - R5M7084

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7147 RENESAS-SH7147 Datasheet
5Mb / 1108P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7615 RENESAS-SH7615 Datasheet
5Mb / 925P
   32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
   Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
SH7606 RENESAS-SH7606 Datasheet
3Mb / 532P
   32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7606 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com