Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C-18 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R8C-18
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
Download  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C-18 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R8C-18_1 Datasheet HTML 25Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 26Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 27Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 28Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 29Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 30Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 31Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 32Page - Renesas Technology Corp R8C-18_1 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 257 page
background image
R8C/18 Group, R8C/19 Group
2. Central Processing Unit (CPU)
Rev.1.30
Apr 14, 2006
Page 14 of 233
REJ09B0222-0130
2.1
Data Registers (R0, R1, R2, and R3)
R0 is a 16-bit register for transfer, arithmetic, and logic operations. The same applies to R1 to R3. R0
can be split into high-order bits (R0H) and low-order bits (R0L) to be used separately as 8-bit data
registers. R1H and R1L are analogous to R0H and R0L. R2 can be combined with R0 and used as a
32-bit data register (R2R0). R3R1 is analogous to R2R0.
2.2
Address Registers (A0 and A1)
A0 is a 16-bit register for address register indirect addressing and address register relative addressing.
It is also used for transfer, arithmetic and logic operations. A1 is analogous to A0. A1 can be combined
with A0 and used as a 32-bit address register (A1A0).
2.3
Frame Base Register (FB)
FB is a 16-bit register for FB relative addressing.
2.4
Interrupt Table Register (INTB)
INTB is a 20-bit register that indicates the start address of an interrupt vector table.
2.5
Program Counter (PC)
PC is 20 bits wide, indicates the address of the next instruction to be executed.
2.6
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointer (SP), USP, and ISP, are each 16 bits wide. The U flag of FLG is used to switch
between USP and ISP.
2.7
Static Base Register (SB)
SB is a 16-bit register for SB relative addressing.
2.8
Flag Register (FLG)
FLG is an 11-bit register indicating the CPU state.
2.8.1
Carry Flag (C)
The C flag retains a carry, borrow, or shift-out bits that have been generated by the arithmetic and logic
unit.
2.8.2
Debug Flag (D)
The D flag is for debugging only. Set it to 0.
2.8.3
Zero Flag (Z)
The Z flag is set to 1 when an arithmetic operation results in 0; otherwise to 0.
2.8.4
Sign Flag (S)
The S flag is set to 1 when an arithmetic operation results in a negative value; otherwise to 0.
2.8.5
Register Bank Select Flag (B)
Register bank 0 is selected when the B flag is 0. Register bank 1 is selected when this flag is set to 1.
2.8.6
Overflow Flag (O)
The O flag is set to 1 when the operation results in an overflow; otherwise to 0.


Similar Part No. - R8C-18_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
More results

Similar Description - R8C-18_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C18 RENESAS-R8C18 Datasheet
2Mb / 257P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
H836094 RENESAS-H836094 Datasheet
3Mb / 432P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C1A RENESAS-R8C1A Datasheet
3Mb / 339P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
R8C-26 RENESAS-R8C-26_1 Datasheet
4Mb / 485P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-28 RENESAS-R8C-28_1 Datasheet
4Mb / 471P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
H836087 RENESAS-H836087 Datasheet
3Mb / 506P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
R8C27 RENESAS-R8C27 Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C25 RENESAS-R8C25 Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C RENESAS-R8C_08 Datasheet
4Mb / 487P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com