Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STQ1HNK60R Datasheet(PDF) 1 Page - STMicroelectronics

Part # STQ1HNK60R
Description  N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ1HNK60R Datasheet(HTML) 1 Page - STMicroelectronics

  STQ1HNK60R Datasheet HTML 1Page - STMicroelectronics STQ1HNK60R Datasheet HTML 2Page - STMicroelectronics STQ1HNK60R Datasheet HTML 3Page - STMicroelectronics STQ1HNK60R Datasheet HTML 4Page - STMicroelectronics STQ1HNK60R Datasheet HTML 5Page - STMicroelectronics STQ1HNK60R Datasheet HTML 6Page - STMicroelectronics STQ1HNK60R Datasheet HTML 7Page - STMicroelectronics STQ1HNK60R Datasheet HTML 8Page - STMicroelectronics STQ1HNK60R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
February 2006
STD1NK60 - STD1NK60-1
STQ1HNK60R - STN1HNK60
N-CHANNEL 600V - 8
Ω - 1A DPAK/TO-92/IPAK/SOT-223
SuperMESH™ MOSFET
Table 1: General Features
TYPICAL RDS(on) = 8 Ω
EXTREMELY HIGH dv/dt CAPABILITY
ESD IMPROVED CAPABILITY
100% AVALANCHE TESTED
NEW HIGH VOLTAGE BENCHMARK
GATE CHARGE MINIMIZED
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capability
for the most demanding applications. Such series
complements ST full range of high voltage MOS-
FETs including revolutionary MDmesh™ products.
APPLICATIONS
LOW POWER BATTERY CHARGERS
SWITH MODE LOW POWER
SUPPLIES(SMPS)
LOW POWER, BALLAST, CFL (COMPACT
FLUORESCENT LAMPS)
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STD1NK60
STD1NK60-1
STQ1HNK60R
STN1HNK60
600 V
600 V
600 V
600 V
< 8.5
< 8.5
< 8.5
< 8.5
1 A
1 A
0.4 A
0.4 A
30 W
30 W
3 W
3.3 W
3
2
1
TO-92 (Ammopack)
IPAK
1
2
2
3
SOT-223
1
3
DPAK
Part Number
Marking
Package
Packaging
STD1NK60T4
D1NK60
DPAK
TAPE & REEL
STD1NK60-1
D1NK60
IPAK
TUBE
STQ1HNK60R
1HNK60R
TO-92
BULK
STQ1HNK60R-AP
1HNK60R
TO-92
AMMOPAK
STN1HNK60
N1HNK60
SOT-223
TAPE & REEL
Rev. 3


Similar Part No. - STQ1HNK60R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STQ1HNK60R-AP STMICROELECTRONICS-STQ1HNK60R-AP Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1HNK60R-AP STMICROELECTRONICS-STQ1HNK60R-AP Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
More results

Similar Description - STQ1HNK60R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
   N-CHANNEL 800V - 13 廓 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STQ1NK60ZR-AP STMICROELECTRONICS-STQ1NK60ZR-AP_07 Datasheet
466Kb / 16P
   N-channel 600V - 13廓 - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH??Power MOSFET
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STN3N45K3 STMICROELECTRONICS-STN3N45K3 Datasheet
487Kb / 12P
   N-channel 450 V, 3.2 廓, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com